| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Delta Electronics, Inc. |
FL75L10A
|
275Kb / 7P |
Delphi Series Filter Module 75Vdc max input, 10A max output current
|
|
FL75L20A
|
340Kb / 7P |
Delphi Series Filter Module 75Vdc max input, 20A max output current The Delphi series FL75L20 A filter module is the latest offering
|
 Powerbox |
VI-RAM-C2
|
695Kb / 1P |
FILTER OUTPUT ATTENUATOR MODULE
|
 Delta Electronics, Inc. |
FL75L20A
|
852Kb / 7P |
Delphi Series Filter Module - FL75L20 75Vdc max input, 20A max output current
|
 Texas Instruments |
PT5810
|
212Kb / 11P |
20 A Output Current
|
 Artesyn Technologies |
LGA03C-00SADJJ
|
712Kb / 4P |
3, 6, 10 and 20 A output current rating Power
|
 DATEL, Inc. |
FT10-100
|
97Kb / 1P |
FT series, 10 A Output Current, Filter Module
|
 WAGO Kontakttechnik Gmb... |
787-871
|
695Kb / 7P |
Lead-acid AGM battery module; 24 VDC input voltage; 20 A output current;
|
|
787-878-000-2500
|
513Kb / 5P |
Pure Lead Battery Module; 24 VDC input voltage; 20 A output current;
|
 WOLFSPEED, INC. |
AMS2712
|
604Kb / 8P |
PCB pressure sensor module with 4 .. 20 mA current output
May 2017 - Rev. 1.0 |