| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Cree, Inc |
CGH27030F
|
791Kb / 8P |
30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
Rev 1.0 |
|
CGH35030F
|
760Kb / 8P |
30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
Rev 1.4 |
|
CGH27015
|
1Mb / 12P |
15 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev 4.0 |
|
CGH27030F
|
1Mb / 12P |
30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev 4.0 |
|
CGH27060F
|
1Mb / 12P |
60 W Peak, 28V, GaN HEMT for Linear Communications from VHF to 3 GHz
Rev 5.0 |
|
CGH35030F
|
1Mb / 12P |
30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
Rev 4.0 |
 WOLFSPEED, INC. |
CGH27015
|
3Mb / 12P |
15 W, 28 V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev. 4.2, 2022-11-3 |
|
CGH27030
|
2Mb / 12P |
30 W, 28 V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev. 4.2, 2022-10-20 |
|
CGH27060F
|
4Mb / 12P |
60 W Peak, 28 V, GaN HEMT for Linear Communications from VHF to 3 GHz
Rev. 5.2, 2022-11-11 |
|
CGH55030F1-P1
|
1Mb / 13P |
30 W, 5500-5800 MHz, 28V, GaN HEMT for WiMAX
Rev. 4.2, 2022-12-13 |