| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 PHOENIX CONTACT |
1424360
|
66Kb / 3P |
Coupling housings D15, with single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, straight, height: 64 mm, cable gland: none, support sleeve: no, 1x Pg16, Standard
|
|
1424361
|
65Kb / 3P |
Coupling housings D15, with single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, straight, height: 64 mm, cable gland: none, support sleeve: no, 1x M25, Standard
|
|
1424362
|
355Kb / 9P |
Housing - HC-STA-D15-BWS-EL-AL
Nov 30, 2022 |
|
1424363
|
71Kb / 3P |
Panel mounting base D15, with single locking latch, material: Die-cast aluminum, salt water resistant
|
|
1424366
|
69Kb / 3P |
Box mounting bases D15, with single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 2, lateral, height: 52 mm, cable gland: none, support sleeve: no, 2x Pg16, Standard
|