| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Infineon Technologies A... |
PTVA123501EFC
|
1Mb / 14P |
Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 1200 ??1400 MHz
Rev. 05.1, 2016-04-26 |
|
PTVA042502EFC
|
1Mb / 10P |
Thermally-Enhanced High Power RF LDMOS FET 250 W, 50 V, 470 ??806 MHz
Rev. 03.1, 2016-04-19 |
|
PTFB182503EFL
|
694Kb / 12P |
Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10 |
|
PTFA180701EF
|
4Mb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21 |
|
PTFA080551EF
|
4Mb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16 |
|
PTVA043502EC
|
1Mb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 470 ??860 MHz
Rev. 02.2, 2017-02-09 |
 Cree, Inc |
PTVA123501EC
|
753Kb / 14P |
Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 1200 ??1400 MHz
|
|
PTVA047002EV
|
449Kb / 8P |
Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 470 ??806 MHz
|
|
PTVA043502EC
|
489Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 470 - 860 MHz
|
 WOLFSPEED, INC. |
PTVA047002EV
|
423Kb / 8P |
Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 470 – 806 MHz
Rev. 05, 2018-08-20 |