| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 ON Semiconductor |
NTK3134N
|
59Kb / 5P |
Power MOSFET 20 V, 890 mA, Single N?묬hannel with ESD Protection, SOT??23
December, 2006 ??Rev. 0 |
|
NTK3139P
|
59Kb / 5P |
Power MOSFET ??0 V, ??80 mA, Single P?묬hannel with ESD Protection, SOT??23
December, 2006 ??Rev. 0 |
|
NTZD5110N
|
110Kb / 5P |
60 V, 310 mA, Dual N?묬hannel with ESD Protection, SOT??63
April, 2007 ??Rev. 3 |
|
NTK3043N
|
60Kb / 5P |
Power MOSFET 20 V, 285 mA, N?묬hannel with ESD Protection, SOT??23
April, 2006 ??Rev. 3 |
|
NTZD3152P
|
98Kb / 5P |
Small Signal MOSFET ??0 V, ??30 mA, Dual P?묬hannel with ESD Protection, SOT??63
March, 2010 ??Rev. 2 |
|
NTK3142PT1G
|
131Kb / 5P |
Small Signal MOSFET ??0 V, ??80 mA, P?묬hannel with ESD Protection, SOT??23
November, 2009 ??Rev. 2 |
 Leshan Radio Company |
LNTK3043NT5G
|
169Kb / 5P |
20 V, 285 mA, N?묬hannel with ESD Protection, SOT??23
|
|
LNTR4003NLT1G
|
447Kb / 5P |
30 V, 0.56 A, Single, N?묬hannel,Gate ESD Protection, SOT-23
|
 First Silicon Co., Ltd |
FTK3043N
|
361Kb / 5P |
20V, 285mA, N?묬hannel with ESD Protection, SOT??23
|
|
FTK3043P
|
318Kb / 5P |
20 V, 285 mA, P?묬hannel with ESD Protection, SOT??23
|