| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 SunLED Corporation |
XSFBB983W
|
227Kb / 3P |
Can be used with automatic insertion equipment
|
|
XSM2CYK983W
|
230Kb / 3P |
Can be used with automatic insertion equipment
|
 PHOENIX CONTACT |
2867953
|
101Kb / 4P |
Up to 254 slaves can be connected to one master
|
|
2891013
|
68Kb / 4P |
Can be combined with Fast Ethernet switch
|
|
2813486
|
84Kb / 4P |
Can be retrofitted with open-up Rogowski coil
|
 Schneider Electric |
A9MEM3555
|
129Kb / 3P |
iEM3555 energy meter - Modbus - 1 DI - 1 DO - multi-tariff - Rogowski coil
|
 Carlo Gavazzi Holding A... |
ROG4X
|
751Kb / 5P |
Rogowski coil for EM50 and EM210
|
 Weidmuller |
2593400000
|
528Kb / 4P |
Measuring transducer, every Rogowski coil, 100??000 A
|
|
2593410000
|
343Kb / 4P |
Measuring transducer, every Rogowski coil, 100??000 A
|
 WAGO Kontakttechnik Gmb... |
855-9450-2000-1251
|
312Kb / 5P |
Rogowski coil; Primary rated current 4000 A; Output signal 22.5 mV per kA
|