| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Tyco Electronics |
316867-1
|
30Kb / 1P |
SEAL RUBBER FOR 060 CONTACT
|
 PHOENIX CONTACT |
1680377
|
71Kb / 2P |
Rubber seal for Pg screw connection 13.5, for conductor diameter 4.0mm, 6.5 mm
|
|
1680380
|
75Kb / 3P |
Rubber seal for Pg screw connection 13.5, for conductor diameter 6.5mm, 9.5 mm
|
|
3050031
|
881Kb / 3P |
Quick Connection Screw Protective Conductor
|
 HARTING Technology Grou... |
09-20-003-0102
|
484Kb / 2P |
Han 3A-eg-QB-PG-13.5
|
|
09-00-000-5014
|
451Kb / 2P |
Acces. Metal Multiple Cable Seal Pg 13.5
2021-10-01 |
 WECO ELECTRICAL CONNECT... |
210-A-111-THR
|
104Kb / 1P |
PCB connector for THR Screw connection
11.17 |
|
930-THR
|
92Kb / 1P |
PCB connector for THR Screw connection
01.18 |
|
950-D-SMD-DS
|
96Kb / 1P |
PCB connector for SMD Screw connection
01.18 |
|
950-THR
|
105Kb / 1P |
PCB connector for THR Screw connection
04.19 |