| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 AIMTEC |
AMLD-IZ
|
941Kb / 13P |
Up to 2000mA | LED Driver
|
|
AMLD-IZ
|
580Kb / 12P |
Up to 2000mA | LED Driver
|
|
AMEPR25D-24100AZ
|
212Kb / 4P |
up to 1A | AC-DC LED Driver
|
|
AMLD-IZ
|
593Kb / 12P |
Up to 2000mA | LED Driver
|
|
AMER60N-42130Z
|
819Kb / 7P |
up to 1600mA | AC-DC LED driver
|
|
AMEPR50N-42100Z
|
549Kb / 6P |
up to 1150mA | AC-DC LED driver
|
|
AMEQR50N-50100Z
|
418Kb / 4P |
up to 1000mA | AC-DC LED driver
|
|
AMEPR50N-Z
|
549Kb / 6P |
up to 1150mA | AC-DC LED driver
|
|
AMER60N-Z
|
841Kb / 6P |
up to 1600mA | AC-DC LED driver
|
|
AMER120C-Z
|
909Kb / 6P |
up to 1700mA | AC-DC LED driver
|