| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Tripp Lite. All Rights ... |
N50603M
|
498Kb / 3P |
Duplex Multimode 50-125 Fiber Patch Cable (SC-SC), 3M (10-ft.)
|
|
N456000
|
484Kb / 2P |
Duplex Multimode Fiber Coupler (SC-ST)
|
 PHOENIX CONTACT |
2708177
|
139Kb / 5P |
FO converter, for converting 10/100 BASE-T(X) to singlemode glass fiber, (1300 nm), SC duplex FO connection, rail-mountable, supply 24V DC
|
|
2708614
|
136Kb / 13P |
FO converter with integrated optical diagnosis, alarm contact, for PROFIBUS up to 12 Mbps, Tcoupler with two FO interfaces (BFOC), 850 nm, for fiber glass cable
|
|
2708986
|
141Kb / 5P |
Fiber optic converter, for converting 10/100Base-T(X) to multimode glass fiber, (1300 nm), B-FOC (ST짰) FO connection, rail-mountable, supply 24 V DC
|
|
2832412
|
116Kb / 5P |
FO media module for connecting 100Base-FX multimode glass fibers (1300 nm), connection direction forwards
|
|
2832425
|
123Kb / 5P |
FO media module for connecting 100Base-FX multimode glass fibers (1300 nm), connection direction downwards
|
|
2750073
|
65Kb / 3P |
INTERBUS fiber optic adapter, for converting the remote IN interface to fiber optic, FO output right
|
|
2750086
|
65Kb / 3P |
INTERBUS fiber optic adapter, for converting the remote IN interface to fiber optic, FO output left
|
 Tripp Lite. All Rights ... |
N456-000
|
157Kb / 2P |
Duplex Multimode Fiber Coupler (SC/ST)
|