| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Infineon Technologies A... |
PTFA192401E
|
431Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930 ??1990 MHz
Rev. 02, 2009-04-01 |
|
PTFB191501E
|
295Kb / 15P |
Thermally-Enhanced High Power RF LDMOS FETs 150 W, 1930 ??1990 MHz
Rev. 02, 2009-09-09 |
|
PTFA190451E
|
375Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FETs 45 W, 1930 - 1990 MHz
Rev. 03.1, 2009-02-20 |
|
PTFA191001E
|
256Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1930-1990 MHz
Rev. 04, 2007-10-31 |
|
PTFA192001E
|
285Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs 200 W, 1930-1990 MHz
Rev. 05, 2008-05-15 |
|
PTFB192503EL
|
673Kb / 15P |
Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930-1990 MHz
Rev. 09, 2010-11-09 |
|
PTFB193404F
|
244Kb / 14P |
Thermally-Enhanced High Power RF LDMOS FETs 340 W, 30 V, 1930-1990 MHz
Rev. 04, 2011-02-07 |
|
PXAC192908FV
|
1Mb / 9P |
Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1930 ??1995 MHz
Rev. 02.3, 2016-06-17 |
 Cree, Inc |
PXAC192908FV
|
525Kb / 9P |
Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1930 ??1995 MHz
|
|
PTFB193404F
|
610Kb / 14P |
Thermally-Enhanced High Power RF LDMOS FET 340 W, 30 V, 1930 ??1990 MHz
|