công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U3741BM bảng dữ liệu (PDF) - ATMEL Corporation

U3741BM Datasheet PDF - ATMEL Corporation
tên linh kiện U3741BM
tải về  U3741BM tải về
kích thước tập tin   483.31 Kbytes
Page   32 Pages
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Giải thích chi tiết về linh kiện UHF ASK RECEIVER IC

U3741BM Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
U3741BM Datasheet PDF - ATMEL Corporation

tên linh kiện U3741BM
tải về  U3741BM Click to download

kích thước tập tin   483.31 Kbytes
Page   32 Pages
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Giải thích chi tiết về linh kiện UHF ASK RECEIVER IC

U3741BM bảng dữ liệu (HTML) - ATMEL Corporation


U3741BM Thông tin chi tiết sản phẩm

Description

The U3741BM is a multi-chip PLL receiver device supplied in an SO20 package. It has been specially developed for the demands of RF low-cost data transmission systems with low data rates from 1 kBaud to 10 kBaud (1 kBaud to 3.2 kBaud for FSK) in Manchester or Bi-phase code. The receiver is well suited to operate with Atmels PLL RF transmitter U2741B. Its main applications are in the areas of telemetering, security technology and keyless-entry systems. It can be used in the frequency receiving range of f0 = 300 MHz to 450 MHz for ASK or FSK data transmission. All the state ments made below refer to 433.92-MHz and 315-MHz applications.



Features

• Minimal External Circuitry Requirements, No RF Components on the PC Board Except Matching to the Receiver Antenna

• High Sensitivity, Especially at Low Data Rates

• Sensitivity Reduction Possible Even While Receiving

• Fully Integrated VCO

• Low Power Consumption Due to Configurable Self Polling with a Programmable Time Frame Check

• Supply Voltage 4.5 V to 5.5 V

• Operating Temperature Range -40°C to 105°C

• Single-ended RF Input for Easy Adaptation to λ/4 Antenna or Printed Antenna on PCB

• Low-cost Solution Due to High Integration Level

• ESD Protection According to MIL-STD 883 (4KV HBM) Except Pin POUT (2KV HBM)

• High Image Frequency Suppression due to 1 MHz IF in Conjunction with a SAW Front-end Filter

   – Up to 40 dB is Thereby Achievable with Newer SAWs.

• Programmable Output Port for Sensitivity Selection or for Controlling External Periphery

• Communication to the Microcontroller Possible via a Single, Bi-directional Data Line

• Power Management (Polling) is also Possible by Means of a Separate Pin via the Microcontroller

• 2 Different IF Bandwidth Versions are Available (300 kHz and 600 kHz)



 




Số phần tương tự - U3741BM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
UHF ASK/FSK Receiver
U3741BM-M2FL TEMIC-U3741BM-M2FL Datasheet
429Kb / 25P
UHF ASK/FSK Receiver
U3741BM-M2FLG3 TEMIC-U3741BM-M2FLG3 Datasheet
429Kb / 25P
UHF ASK/FSK Receiver
U3741BM-M3FL TEMIC-U3741BM-M3FL Datasheet
429Kb / 25P
UHF ASK/FSK Receiver
U3741BM-M3FLG3 TEMIC-U3741BM-M3FLG3 Datasheet
429Kb / 25P
UHF ASK/FSK Receiver
More results


Mô tả tương tự - U3741BM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATMEL Corporation
U3745BM ATMEL-U3745BM Datasheet
553Kb / 29P
UHF ASK RECEIVER IC
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
UHF ASK/FSK Receiver
ATA5744 ATMEL-ATA5744 Datasheet
315Kb / 20P
UHF ASK Receiver
ATA3741 ATMEL-ATA3741 Datasheet
481Kb / 31P
UHF ASK Receiver IC
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
UHF ASK/FSK Receiver
T5744 ATMEL-T5744 Datasheet
257Kb / 19P
UHF ASK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
UHF ASK/FSK Receiver
logo
Princeton Technology Co...
RX3310A PTC-RX3310A Datasheet
407Kb / 6P
UHF ASK Receiver
More results




Giới thiệu về ATMEL Corporation


Atmel Corporation là một công ty bán dẫn của Mỹ được thành lập vào năm 1984.
Công ty là nhà cung cấp hàng đầu các bộ vi điều khiển, giải pháp cảm ứng và các sản phẩm bán dẫn khác cho các ứng dụng khác nhau trong thị trường tiêu dùng, công nghiệp và ô tô.
Các sản phẩm của Atmel được biết đến với yếu tố hình thức nhỏ, mức tiêu thụ năng lượng thấp và hiệu suất cao.
Năm 2016, Atmel đã được Microchip Technology Inc., nhà cung cấp hàng đầu về vi điều khiển và chất bán dẫn tương tự.
Thương hiệu và công nghệ Atmel tiếp tục được phát triển và bán như một phần của danh mục sản phẩm của Microchip.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com