công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATMEGA88V-10AI bảng dữ liệu (PDF) - ATMEL Corporation

ATMEGA88V-10AI Datasheet PDF - ATMEL Corporation
tên linh kiện ATMEGA88V-10AI
tải về  ATMEGA88V-10AI tải về
kích thước tập tin   2750.9 Kbytes
Page   349 Pages
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Giải thích chi tiết về linh kiện 8-bit Microcontroller with 8K Bytes In-System Programmable Flash

ATMEGA88V-10AI Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
ATMEGA88V-10AI Datasheet PDF - ATMEL Corporation

tên linh kiện ATMEGA88V-10AI
tải về  ATMEGA88V-10AI Click to download

kích thước tập tin   2750.9 Kbytes
Page   349 Pages
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Giải thích chi tiết về linh kiện 8-bit Microcontroller with 8K Bytes In-System Programmable Flash

ATMEGA88V-10AI bảng dữ liệu (HTML) - ATMEL Corporation


ATMEGA88V-10AI Thông tin chi tiết sản phẩm

Overview
The Atmel ATmega48/88/168 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATmega48/88/168 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• High performance, low power Atmel® AVR® 8-bit microcontroller
• Advanced RISC architecture
   – 131 powerful instructions – most single clock cycle execution
   – 32 × 8 general purpose working registers
   – Fully static operation
   – Up to 20 MIPS throughput at 20MHz
   – On-chip 2-cycle multiplier
• High endurance non-volatile memory segments
   – 4/8/16 Kbytes of in-system self-programmable flash program memory
   – 256/512/512 bytes EEPROM
   – 512/1K/1Kbytes internal SRAM
   – Write/erase cyles: 10,000 flash/100,000 EEPROM
   – Data retention: 20 years at 85°C/100 years at 25°C()
   – Optional boot code section with independent lock bits
      In-system programming by on-chip boot program
      True read-while-write operation
   – Programming lock for software security
• QTouch® library support
   – Capacitive touch buttons, sliders and wheels
   – QTouch and QMatrix acquisition
   – Up to 64 sense channels
• Peripheral features
   – Two 8-bit timer/counters with separate prescaler and compare mode
   – One 16-bit timer/counter with separate prescaler, compare mode, and capture mode
   – Real time counter with separate oscillator
   – Six PWM channels
   – 8-channel 10-bit ADC in TQFP and QFN/MLF package
   – 6-channel 10-bit ADC in PDIP Package
   – Programmable serial USART
   – Master/slave SPI serial interface
   – Byte-oriented 2-wire serial interface (Philips I2C compatible)
   – Programmable watchdog timer with separate on-chip oscillator
   – On-chip analog comparator
   – Interrupt and wake-up on pin change
• Special microcontroller features
   – DebugWIRE on-chip debug system
   – Power-on reset and programmable brown-out detection
   – Internal calibrated oscillator
   – External and internal interrupt sources
   – Five sleep modes: Idle, ADC noise reduction, power-save, power-down, and standby
• I/O and packages
   – 23 programmable I/O lines
   – 28-pin PDIP, 32-lead TQFP, 28-pad QFN/MLF and 32-pad QFN/MLF
• Operating voltage:
   – 1.8V - 5.5V for Atmel ATmega48V/88V/168V
   – 2.7V - 5.5V for Atmel ATmega48/88/168
• Temperature range:
   – -40°C to 85°C
• Speed grade:
   – ATmega48V/88V/168V: 0 - 4MHz @ 1.8V - 5.5V, 0 - 10MHz @ 2.7V - 5.5V
   – ATmega48/88/168: 0 - 10MHz @ 2.7V - 5.5V, 0 - 20MHz @ 4.5V - 5.5V
• Low power consumption
   – Active mode:
      250µA at 1MHz, 1.8V
      15µA at 32kHz, 1.8V (including oscillator)
   – Power-down mode:
      0.1µA at 1.8V




Số phần tương tự - ATMEGA88V-10AI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATMEL Corporation
ATMEGA88V-10AI ATMEL-ATMEGA88V-10AI Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88V-10AI ATMEL-ATMEGA88V-10AI Datasheet
4Mb / 376P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88V-10AI ATMEL-ATMEGA88V-10AI Datasheet
4Mb / 378P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Mô tả tương tự - ATMEGA88V-10AI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATMEL Corporation
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results




Giới thiệu về ATMEL Corporation


Atmel Corporation là một công ty bán dẫn của Mỹ được thành lập vào năm 1984.
Công ty là nhà cung cấp hàng đầu các bộ vi điều khiển, giải pháp cảm ứng và các sản phẩm bán dẫn khác cho các ứng dụng khác nhau trong thị trường tiêu dùng, công nghiệp và ô tô.
Các sản phẩm của Atmel được biết đến với yếu tố hình thức nhỏ, mức tiêu thụ năng lượng thấp và hiệu suất cao.
Năm 2016, Atmel đã được Microchip Technology Inc., nhà cung cấp hàng đầu về vi điều khiển và chất bán dẫn tương tự.
Thương hiệu và công nghệ Atmel tiếp tục được phát triển và bán như một phần của danh mục sản phẩm của Microchip.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com