công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1206SC223K4T4A bảng dữ liệu (PDF) - AVX Corporation

1206SC223K4T4A Datasheet PDF - AVX Corporation
tên linh kiện 1206SC223K4T4A
tải về  1206SC223K4T4A tải về
kích thước tập tin   78.21 Kbytes
Page   2 Pages
nhà sản xuất  AVX [AVX Corporation]
Trang chủ  http://www.avx.com
Logo AVX - AVX Corporation
Giải thích chi tiết về linh kiện For 600V to 3000V Automotive Applications

1206SC223K4T4A Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
1206SC223K4T4A Datasheet PDF - AVX Corporation

tên linh kiện 1206SC223K4T4A
tải về  1206SC223K4T4A Click to download

kích thước tập tin   78.21 Kbytes
Page   2 Pages
nhà sản xuất  AVX [AVX Corporation]
Trang chủ  http://www.avx.com
Logo AVX - AVX Corporation
Giải thích chi tiết về linh kiện For 600V to 3000V Automotive Applications

1206SC223K4T4A bảng dữ liệu (HTML) - AVX Corporation




Số phần tương tự - 1206SC223K4T4A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVX Corporation
1206SC223K-4T1A AVX-1206SC223K-4T1A Datasheet
73Kb / 2P
For 600V to 3000V Automotive Applications ??AEC-Q200
1206SC223K-4T3A AVX-1206SC223K-4T3A Datasheet
73Kb / 2P
For 600V to 3000V Automotive Applications ??AEC-Q200
1206SC223K-4Z1A AVX-1206SC223K-4Z1A Datasheet
73Kb / 2P
For 600V to 3000V Automotive Applications ??AEC-Q200
1206SC223K-4Z3A AVX-1206SC223K-4Z3A Datasheet
73Kb / 2P
For 600V to 3000V Automotive Applications ??AEC-Q200
1206SC223KA11A AVX-1206SC223KA11A Datasheet
483Kb / 5P
High Voltage MLC Chips
More results


Mô tả tương tự - 1206SC223K4T4A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVX Corporation
1808GC102KAT1A AVX-1808GC102KAT1A Datasheet
93Kb / 2P
For 600V to 5000V Applications
0805 AVX-0805 Datasheet
57Kb / 2P
For 600V to 3000V Applications
1825 AVX-1825 Datasheet
134Kb / 2P
For 600V to 5000V Applications
2220HC103KAZ1A AVX-2220HC103KAZ1A Datasheet
57Kb / 2P
High Voltage MLC Chips FLEXITERM For 600V to 3000V Applications
1206AC472KAT1A AVX-1206AC472KAT1A Datasheet
93Kb / 2P
For 600V to 5000V Applications
1210GC222KAT1A AVX-1210GC222KAT1A Datasheet
93Kb / 2P
For 600V to 5000V Applications
1812AC223KAT1A AVX-1812AC223KAT1A Datasheet
93Kb / 2P
For 600V to 5000V Applications
1812HC471KAT1A AVX-1812HC471KAT1A Datasheet
93Kb / 2P
For 600V to 5000V Applications
logo
Nell Semiconductor Co.,...
D4310E NELLSEMI-D4310E Datasheet
227Kb / 5P
High voltage ratings up to 3000V
logo
AVX Corporation
1206AC222KAT1A AVX-1206AC222KAT1A_17 Datasheet
73Kb / 2P
For 600V to 3000V Automotive Applications ??AEC-Q200
More results




Giới thiệu về AVX Corporation


AVX Corporation is an American electronic component manufacturer that specializes in the design, development, and manufacture of passive electronic components, including capacitors, resistors, filters, and connectors. The company was founded in 1972 and is headquartered in Fountain Inn, South Carolina.

AVX Corporation's products are used in a wide range of industries, including automotive, telecommunications, consumer electronics, and medical devices. The company's product portfolio includes a variety of passive electronic components, such as ceramic capacitors, tantalum capacitors, film capacitors, and thin film resistors.

AVX Corporation is committed to quality and innovation, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and quality control processes ensure that its products meet the highest standards of performance and reliability.

Today, AVX Corporation is recognized as a leading manufacturer of passive electronic components, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electronic component industry.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com