công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL3159E bảng dữ liệu (PDF) - Intersil Corporation

ISL3159E Datasheet PDF - Intersil Corporation
tên linh kiện ISL3159E
tải về  ISL3159E tải về
kích thước tập tin   703.12 Kbytes
Page   16 Pages
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Giải thích chi tiết về linh kiện ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver

ISL3159E Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
ISL3159E Datasheet PDF - Intersil Corporation

tên linh kiện ISL3159E
tải về  ISL3159E Click to download

kích thước tập tin   703.12 Kbytes
Page   16 Pages
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Giải thích chi tiết về linh kiện ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver

ISL3159E bảng dữ liệu (HTML) - Intersil Corporation


ISL3159E Thông tin chi tiết sản phẩm

Intersil’s ISL3159E is a ±15kV IEC61000 ESD protected, 5V
powered, single transceiver that meets both the RS-485 and
RS-422 standards for balanced communication. It also
features the larger output voltage and higher data rate - up to
40Mbps - required by high speed PROFIBUS applications, and
is offered in industrial and extended Industrial (-40°C to
+125°C) temperature ranges. The low bus currents
(+220µA/-150µA) present a “1/5 unit load” to the RS-485 bus.
This allows up to 160 transceivers on the network without
violating the RS-485 specification’s load limit and without
using repeaters.
This transceiver requires a 5V ±10% tolerance supply, and
delivers at least a 2.1V differential output voltage over this
supply range. This translates into better noise immunity (data
integrity), longer reach, or the ability to drive up to six 120Ω
terminations in “star” or other nonstandard bus topologies, at
the exceptional 40Mbps data rate.
SCSI applications benefit from the ISL3159’s low receiver and
transmitter part-to-part skews, which make it perfect for high
speed parallel applications where large numbers of bits must
be simultaneously captured. The low bit-to-bit skew eases the
timing constraints on the data latching signal.
Receiver (Rx) inputs feature a “full fail-safe” design, which
ensures a logic high Rx output if Rx inputs are floating,
shorted, or terminated but undriven. Rx outputs feature high
drive levels (typically >30mA at VOL = 1V) to ease the design of
optically isolated interfaces.
Hot plug circuitry ensures that the Tx and Rx outputs remain in
a high impedance state while the power supply stabilizes.
Driver (Tx) outputs are short-circuit protected, even for voltages
exceeding the power supply voltage. Additionally, on-chip
thermal shutdown circuitry disables the Tx outputs to prevent
damage if power dissipation becomes excessive.

Features
• IEC61000 ESD protection on RS-485 I/O Pins . . . . . . ±15kV
- Class 3 HBM ESD level on all other pins . . . . . . . . . . . >9kV
• Large differential VOUT . . . . . . . . . . . . . . . . . . . 2.8V into 54Ω
Better noise immunity, or drive up to 6 terminations
• High data rates. . . . . . . . . . . . . . . . . . . . . . . . . . up to 40Mbps
• Specified for +125°C operation
• 11/13ns (max) Tx/Rx propagation delays; 1.5ns (max) skew
• 1/5 unit load allows up to 160 devices on the bus
• Full fail-safe (open, shorted, terminated/undriven) receiver
• High Rx IOL to drive optocouplers for isolated applications
• Hot plug - Tx and Rx outputs remain three-state during
power-up
• Low quiescent supply current. . . . . . . . . . . . . . . . . . . . . . 4mA
• Low current shutdown mode . . . . . . . . . . . . . . . . . . . . . . . 1µA
• -7V to +12V common-mode input voltage range
• Three-state Rx and Tx outputs
• Operates from a single +5V supply (10% tolerance)
• Current limiting and thermal shutdown for driver overload
protection
• Pb-free (RoHS compliant)

Applications
• PROFIBUS DP and FMS networks
• SCSI “fast 40” drivers and receivers
• Motor controller/position encoder systems
• Factory automation
• Field bus networks
• Security networks
• Building environmental control systems
• Industrial/process control networks




Số phần tương tự - ISL3159E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
July 26, 2007
ISL3159E INTERSIL-ISL3159E Datasheet
210Kb / 4P
World?셲 Most Power-Effi cient
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 18P
High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 19P
High ESD Protected, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
Rev.6.02 Oct 2, 2023
More results


Mô tả tương tự - ISL3159E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
July 26, 2007
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
April 22, 2008
logo
Maxim Integrated Produc...
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Intersil Corporation
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
More results




Giới thiệu về Intersil Corporation


Intersil Corporation là một công ty bán dẫn của Mỹ chuyên về thiết kế và sản xuất các mạch tích hợp tương tự và tín hiệu hỗn hợp hiệu suất cao.
Công ty được thành lập vào năm 1967 và được biết đến với chuyên môn về quản lý năng lượng, chuyển đổi dữ liệu và công nghệ tần số vô tuyến (RF).
Các sản phẩm của Intersil được sử dụng trong một loạt các ứng dụng như điện tử tiêu dùng, công nghiệp, viễn thông, và hàng không vũ trụ và phòng thủ.
Năm 2016, Intersil được mua lại bởi Renesas Electronics Corporation, một công ty bán dẫn của Nhật Bản.
Thương hiệu và công nghệ Intersil tiếp tục được phát triển và bán như một phần của danh mục sản phẩm của Renesas.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com