công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HI1-565ASD bảng dữ liệu (PDF) - Intersil Corporation

HI1-565ASD Datasheet PDF - Intersil Corporation
tên linh kiện HI1-565ASD
tải về  HI1-565ASD tải về
kích thước tập tin   375.56 Kbytes
Page   10 Pages
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Giải thích chi tiết về linh kiện High Speed, Monolithic D/A Conv with Reference

HI1-565ASD Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
HI1-565ASD Datasheet PDF - Intersil Corporation

tên linh kiện HI1-565ASD
tải về  HI1-565ASD Click to download

kích thước tập tin   375.56 Kbytes
Page   10 Pages
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Giải thích chi tiết về linh kiện High Speed, Monolithic D/A Conv with Reference

HI1-565ASD bảng dữ liệu (HTML) - Intersil Corporation


HI1-565ASD Thông tin chi tiết sản phẩm

The HI-565A is a fast, 12-bit, current output, digital-to-analog
converter. The monolithic chip includes a precision voltage
reference, thin-film R2R ladder, reference control amplifier
and twelve high speed bipolar current switches.
The Intersil dielectric isolation process provides latch free
operation while minimizing stray capacitance and leakage
currents, to produce an excellent combination of speed and
accuracy. Also, ground currents are minimized to produce a
low and constant current through the ground terminal, which
reduces error due to code dependent ground currents.
HI-565A dice are laser trimmed for a maximum integral
nonlinearity error of 0.5 LSB at 25oC. In addition, the low
noise buried zener reference is trimmed both for absolute
value and temperature coefficient. Power dissipation is
typically 250mW, with 15V supplies.
The HI-565A is offered in both commercial and military
grades. See Ordering Information.

Features
• 12-Bit DAC and Reference on a Single Chip
• Pin Compatible With AD565A
• Very High Speed: Settles to0.5 LSB in 250ns (Max)
Full Scale Switching Time 30ns (Typ)
• Guaranteed For Operation With 12V Supplies
• Monotonicity Guaranteed Over Temperature
• Nonlinearity Guaranteed Over Temp (Max) . . . . 0.5 LSB
• Low Gain Drift (Max, DAC Plus Ref) . . . . . . . . .25ppm/oC
• Low Power Dissipation . . . . . . . . . . . . . . . . . . . . .250mW

Applications
• CRT Displays
• High Speed A/D Converters
• Signal Reconstruction
• Waveform Synthesis




Số phần tương tự - HI1-565ASD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
HI1-565ASD-2 INTERSIL-HI1-565ASD-2 Datasheet
303Kb / 9P
High Speed, Monolithic D/A Converter with Reference
June 1999
HI1-565ASD/883 INTERSIL-HI1-565ASD/883 Datasheet
303Kb / 9P
High Speed, Monolithic D/A Converter with Reference
June 1999
HI1-565ASD/883 INTERSIL-HI1-565ASD/883 Datasheet
273Kb / 9P
High Speed, Monolithic D/A Converter with Reference
May 2002
logo
Renesas Technology Corp
HI1-565ASD/883 RENESAS-HI1-565ASD/883 Datasheet
493Kb / 10P
High Speed, Monolithic D/A Converter with Reference
Oct 15, 2015
More results


Mô tả tương tự - HI1-565ASD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD565A AD-AD565A Datasheet
152Kb / 11P
High Speed 12-Bit Monolithic D/A Converters
logo
Intersil Corporation
HI-565A INTERSIL-HI-565A Datasheet
303Kb / 9P
High Speed, Monolithic D/A Converter with Reference
June 1999
logo
Maxim Integrated Produc...
MX565A MAXIM-MX565A Datasheet
341Kb / 8P
High Speed 12-Bit Monolithic D/A Converters
MX7672 MAXIM-MX7672 Datasheet
506Kb / 12P
High-Speed 12-Bit A/D Converters With External Reference Input
Rev 0; 4/91
logo
Intersil Corporation
HI-565A INTERSIL-HI-565A_02 Datasheet
273Kb / 9P
High Speed, Monolithic D/A Converter with Reference
May 2002
logo
Analog Devices
AD565A AD-AD565A_15 Datasheet
182Kb / 12P
High Speed 12-Bit Monolithic D/A Converters
REV. E
AD566A AD-AD566A_15 Datasheet
182Kb / 12P
High Speed 12-Bit Monolithic D/A Converters
REV. E
AD9002 AD-AD9002_15 Datasheet
645Kb / 8P
High Speed 8-Bit Monolithic A/D Converter
REV. G
AD565A AD-AD565A_17 Datasheet
244Kb / 13P
High Speed 12-Bit Monolithic D/A Converters
23-Feb-2017
logo
Renesas Technology Corp
HI-565A RENESAS-HI-565A Datasheet
493Kb / 10P
High Speed, Monolithic D/A Converter with Reference
Oct 15, 2015
More results




Giới thiệu về Intersil Corporation


Intersil Corporation là một công ty bán dẫn của Mỹ chuyên về thiết kế và sản xuất các mạch tích hợp tương tự và tín hiệu hỗn hợp hiệu suất cao.
Công ty được thành lập vào năm 1967 và được biết đến với chuyên môn về quản lý năng lượng, chuyển đổi dữ liệu và công nghệ tần số vô tuyến (RF).
Các sản phẩm của Intersil được sử dụng trong một loạt các ứng dụng như điện tử tiêu dùng, công nghiệp, viễn thông, và hàng không vũ trụ và phòng thủ.
Năm 2016, Intersil được mua lại bởi Renesas Electronics Corporation, một công ty bán dẫn của Nhật Bản.
Thương hiệu và công nghệ Intersil tiếp tục được phát triển và bán như một phần của danh mục sản phẩm của Renesas.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com