công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL97692 bảng dữ liệu (PDF) - Intersil Corporation

ISL97692 Datasheet PDF - Intersil Corporation
tên linh kiện ISL97692
tải về  ISL97692 tải về
kích thước tập tin   1168.04 Kbytes
Page   32 Pages
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Giải thích chi tiết về linh kiện Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers

ISL97692 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
ISL97692 Datasheet PDF - Intersil Corporation

tên linh kiện ISL97692
tải về  ISL97692 Click to download

kích thước tập tin   1168.04 Kbytes
Page   32 Pages
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Giải thích chi tiết về linh kiện Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers

ISL97692 bảng dữ liệu (HTML) - Intersil Corporation


ISL97692 Thông tin chi tiết sản phẩm

The ISL97692, ISL97693, ISL97694A are Intersil’s highly
integrated 4- and 6-channel LED drivers for display
backlighting. These parts maximize battery life by featuring
only 1mA quiescent current, and by operating down to 2.4V
input voltage, with no need for higher voltage supplies.
The ISL97692 has four channels and provides 8-bit PWM
dimming with adjustable dimming frequency up to 30kHz. The
ISL97693 has six channels with Direct PWM dimming control.
The ISL97694A has 6 channels and provides 8-, 10-, or 12-bit
PWM dimming with adjustable dimming frequency up to
30kHz, 7.5kHz, or 1.875kHz, respectively, controlled with I2C
or PWM input.
The ISL97692 and ISL97694A feature phase shifting that may
be enabled optionally, providing an optimized phase delay
between channels. In the ISL97692 and ISL97694A, phase
shifting can multiply the effective dimming frequency by four
and six allowing above audio-band PWM dimming with 10-bit
dimming resolution.
The ISL97692, ISL97693, ISL97694A employ adaptive boost
architecture, which keeps the headroom voltage as low as
possible to maximize battery life while allowing ultra low
dimming duty cycle as low as 0.005% at 100Hz dimming
frequency in Direct PWM mode.
The ISL97692, ISL97693, ISL97694A incorporate extensive
protection functions including string open and short circuit
detections, OVP, and OTP.
The ISL97692, ISL97693 are offered in the 16 Ld 3x3mm TQFN
package, and a 16 bump 1.7x1.7mm WLCSP for the ISL97692.
The ISL97694A is offered in the 20 Ld 3x4mm TQFN package. All
parts operate in ambient temperature range of -40°C to +85°C.

Features
• 2.4V minimum input voltage, supports single cell applications
• 4 channels, up to 40mA each (ISL97692) or 6 channels, up to
30mA each (ISL97693, ISL97694A)
• 90% efficient at 6P5S, 3.7V and 20mA (ISL97693, ISL97694A)
• Low 0.8mA quiescent current
• PWM dimming control with internally generated clock
- 8-bit resolution with adjustable dimming frequency up to
30kHz (ISL97692, ISL97694A)
- 12-bit resolution with adjustable dimming frequency up to
1.875kHz (ISL97694A)
- Optional automatic channel phase shift (ISL97692,
ISL97694A)
- Linear dimming from 0.025%~100% up to 5kHz or
0.4%~100% up to 30kHz (ISL97692, ISL97694A)
• Direct PWM dimming with 0.005% minimum duty cycle at
100Hz
• ±2.5% output current matching
• Adjustable switching frequency from 400kHz to 1.5MHz

Applications
• Tablet, Notebook PC and Smart Phone Displays LED
Backlighting




Số phần tương tự - ISL97692

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL97692 INTERSIL-ISL97692 Datasheet
1Mb / 28P
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
logo
Renesas Technology Corp
ISL97692 RENESAS-ISL97692 Datasheet
1Mb / 32P
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
ISL97692IIZ-T RENESAS-ISL97692IIZ-T Datasheet
1Mb / 32P
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
logo
Intersil Corporation
ISL97692IRTZ INTERSIL-ISL97692IRTZ Datasheet
1Mb / 28P
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
logo
Renesas Technology Corp
ISL97692IRTZ RENESAS-ISL97692IRTZ Datasheet
1Mb / 32P
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
More results


Mô tả tương tự - ISL97692

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Xicor Inc.
X3100 XICOR-X3100 Datasheet
249Kb / 40P
3 or 4 Cell Li-Ion Battery Protection and Monitor IC
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Intersil Corporation
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
3 or 4 Cell Li-Ion Battery Protection and Monitor IC
April 11, 2005
X3100 INTERSIL-X3100_08 Datasheet
562Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
ISL97692 INTERSIL-ISL97692 Datasheet
1Mb / 28P
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
logo
Texas Instruments
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
SINGLE-CELL LI-ION AND LI-POL BATTERY
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
Single Cell Li-Ion and Li-Pol Battery Charger
logo
Intersil Corporation
X3100-01 INTERSIL-X3100-01 Datasheet
563Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Renesas Technology Corp
ISL97692 RENESAS-ISL97692 Datasheet
1Mb / 32P
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
X3100 RENESAS-X3100 Datasheet
1Mb / 40P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
More results




Giới thiệu về Intersil Corporation


Intersil Corporation là một công ty bán dẫn của Mỹ chuyên về thiết kế và sản xuất các mạch tích hợp tương tự và tín hiệu hỗn hợp hiệu suất cao.
Công ty được thành lập vào năm 1967 và được biết đến với chuyên môn về quản lý năng lượng, chuyển đổi dữ liệu và công nghệ tần số vô tuyến (RF).
Các sản phẩm của Intersil được sử dụng trong một loạt các ứng dụng như điện tử tiêu dùng, công nghiệp, viễn thông, và hàng không vũ trụ và phòng thủ.
Năm 2016, Intersil được mua lại bởi Renesas Electronics Corporation, một công ty bán dẫn của Nhật Bản.
Thương hiệu và công nghệ Intersil tiếp tục được phát triển và bán như một phần của danh mục sản phẩm của Renesas.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com