công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL54406EVAL1Z bảng dữ liệu (PDF) - Intersil Corporation

ISL54406EVAL1Z Datasheet PDF - Intersil Corporation
tên linh kiện ISL54406EVAL1Z
tải về  ISL54406EVAL1Z tải về
kích thước tập tin   764.88 Kbytes
Page   16 Pages
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Giải thích chi tiết về linh kiện Stereo Click and Pop Eliminator with Audio Muting

ISL54406EVAL1Z Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
ISL54406EVAL1Z Datasheet PDF - Intersil Corporation

tên linh kiện ISL54406EVAL1Z
tải về  ISL54406EVAL1Z Click to download

kích thước tập tin   764.88 Kbytes
Page   16 Pages
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Giải thích chi tiết về linh kiện Stereo Click and Pop Eliminator with Audio Muting

ISL54406EVAL1Z bảng dữ liệu (HTML) - Intersil Corporation


ISL54406EVAL1Z Thông tin chi tiết sản phẩm

The Intersil ISL54406 is a Dual SPST (Single Pole/Single
Throw) switch that provides a very low distortion audio
path for a stereo headphone or high impedance line-in
load. This path can be interrupted to provide >110dB of
off-isolation for signal muting purposes into 32Ω or high
impedance loads such as consumer entertainment
system line-inputs, MP3 docking systems for powered
speaker or automotive entertainment system in-line or
cassette interfaces. Recovery from muting is instant
even with very large DC blocking capacitors.
The ISL54406 also has comprehensive Click and Pop
elimination measures to prevent these artifacts from
occurring in the load due to system power-up/powerdown, codec enable/disable, headphone hot plug in,
and audio muting on/off situations. The Click and Pop
elimination is effective into low and high impedance
loads and requires no external timing components to
deal with DC blocking capacitors placed between the
single supply codec and the load.
The ISL54406 is available in a 10 Ld TDFN (3mmx3mm)
or a tiny 10 Ld µTQFN (1.8mmx1.4mm) ultra-thin
package. It operates over a temperature range of -40 to
+85°C.

Features
• Single Supply Operation (VDD) . . . . +2.7V to +5.0V
• Negative Signal Swing Capability . . . . . . . . . . . -1.5V
• Low THD
- THD+N at 1mW into 32Ω Load. . . . . . . . . <0.02%
• Click and Pop Elimination . . . . . . . . . . . . . . . >60dB
• Audio Muting . . . . . . . . . . . . . . . . . . . . . . >110dB
• Low Power Consumption. . . . . . 21µW with 3V supply
• Low Power Shutdown Mode
• 1.8V Logic Compatible
• Available in 10 Ld TDFN (3mmx3mm) or tiny
10 Ld (1.8mmx1.4mm) µTQFN Package
• Pb-Free (RoHS Compliant)

Applications
• Consumer Entertainment Systems
• MP3 and other Personal Media Players
• Cellular/Mobile Phones
• PDA’s
• Audio Switching and Muting




Số phần tương tự - ISL54406EVAL1Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL54406EVAL1Z INTERSIL-ISL54406EVAL1Z Datasheet
763Kb / 16P
Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
logo
Renesas Technology Corp
ISL54406EVAL1Z RENESAS-ISL54406EVAL1Z Datasheet
946Kb / 16P
Stereo Click and Pop Eliminator with Audio Muting
More results


Mô tả tương tự - ISL54406EVAL1Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892 Datasheet
202Kb / 9P
Shunt Mode Audio Click-and-Pop Eliminator
Rev 0; 10/08
logo
Intersil Corporation
ISL54409 INTERSIL-ISL54409 Datasheet
387Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
Audio Click-Pop Suppressor
Rev 0; 8/03
logo
Renesas Technology Corp
ISL54406 RENESAS-ISL54406 Datasheet
946Kb / 16P
Stereo Click and Pop Eliminator with Audio Muting
logo
Anpec Electronics Corop...
APA2192 ANPEC-APA2192 Datasheet
246Kb / 14P
Shut Mode Audio Click-and-Pop Eliminator
logo
Will Semiconductor Ltd.
WSP6582C WILLSEMI-WSP6582C Datasheet
814Kb / 9P
SwitchPro Family High Fidelity Stereo SPDT Switch with Pop and Click Suppression
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890_V01 Datasheet
1Mb / 12P
Audio Click-Pop Suppressor
19-2932; Rev 4; 5/17
MAX9892 MAXIM-MAX9892_V01 Datasheet
812Kb / 7P
Shunt Mode Audio Click-and-Pop Eliminator
19-4295; Rev 1; 12/16
More results




Giới thiệu về Intersil Corporation


Intersil Corporation là một công ty bán dẫn của Mỹ chuyên về thiết kế và sản xuất các mạch tích hợp tương tự và tín hiệu hỗn hợp hiệu suất cao.
Công ty được thành lập vào năm 1967 và được biết đến với chuyên môn về quản lý năng lượng, chuyển đổi dữ liệu và công nghệ tần số vô tuyến (RF).
Các sản phẩm của Intersil được sử dụng trong một loạt các ứng dụng như điện tử tiêu dùng, công nghiệp, viễn thông, và hàng không vũ trụ và phòng thủ.
Năm 2016, Intersil được mua lại bởi Renesas Electronics Corporation, một công ty bán dẫn của Nhật Bản.
Thương hiệu và công nghệ Intersil tiếp tục được phát triển và bán như một phần của danh mục sản phẩm của Renesas.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com