công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6610CBZ bảng dữ liệu (PDF) - Intersil Corporation

ISL6610CBZ Datasheet PDF - Intersil Corporation
tên linh kiện ISL6610CBZ
tải về  ISL6610CBZ tải về
kích thước tập tin   278.87 Kbytes
Page   11 Pages
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Giải thích chi tiết về linh kiện Dual Synchronous Rectified MOSFET Drivers

ISL6610CBZ Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
ISL6610CBZ Datasheet PDF - Intersil Corporation

tên linh kiện ISL6610CBZ
tải về  ISL6610CBZ Click to download

kích thước tập tin   278.87 Kbytes
Page   11 Pages
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Giải thích chi tiết về linh kiện Dual Synchronous Rectified MOSFET Drivers

ISL6610CBZ bảng dữ liệu (HTML) - Intersil Corporation


ISL6610CBZ Thông tin chi tiết sản phẩm

The ISL6610, ISL6610A integrates two ISL6609, ISL6609A
drivers with enable function removed and is optimized to
drive two independent power channels in a synchronousrectified buck converter topology. These drivers, combined
with an Intersil ISL63xx or ISL65xx multiphase PWM
controller, form a complete high efficiency voltage regulator
at high switching frequency.
The IC is biased by a single low voltage supply (5V),
minimizing driver switching losses in high MOSFET gate
capacitance and high switching frequency applications.
Each driver is capable of driving a 3nF load with less than
10ns rise/fall time. Bootstrapping of the upper gate driver is
implemented via an internal low forward drop diode,
reducing implementation cost, complexity, and allowing the
use of higher performance, cost effective N-Channel
MOSFETs. Adaptive shoot-through protection is integrated
to prevent both MOSFETs from conducting simultaneously.
The ISL6610, ISL6610A features 4A typical sink current for
the lower gate driver, enhancing the lower MOSFET gate
hold-down capability during PHASE node rising edge,
preventing power loss caused by the self turn-on of the lower
MOSFET due to the high dV/dt of the switching node.
The ISL6610, ISL6610A also features an input that
recognizes a high-impedance state, working together with
Intersil multiphase PWM controllers to prevent negative
transients on the controlled output voltage when operation is
suspended. This feature eliminates the need for the schottky
diode that may be utilized in a power system to protect the
load from negative output voltage damage.
In addition, the ISL6610As bootstrap function is designed to
prevent the BOOT capacitor from overcharging, should
excessively large negative swings occur at the transitions of
the PHASE node.

Features
• 5V Quad N-Channel MOSFET Drives for Two
Synchronous Rectified Bridges
• Pin-to-pin Compatible with ISL6614 (12V Drive)
• Adaptive Shoot-Through Protection
• 0.4Ω On-Resistance and 4A Sink Current Capability
• Supports High Switching Frequency
- Fast Output Rise and Fall
- Low Tri-State Hold-Off Time
• BOOT Capacitor Overcharge Prevention (ISL6610A)
• Low VF Internal Bootstrap Diode
• Power-On Reset
• QFN Package
- Compliant to JEDEC PUB95 MO-220 QFN-Quad Flat
No Leads-Product Outline
- Near Chip-Scale Package Footprint; Improves PCB
Utilization, Thinner Profile
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Core Voltage Supplies for Intel® and AMD®
Microprocessors
• High Frequency Low Profile High Efficiency DC/DC
Converters
• High Current Low Voltage DC/DC Converters
• Synchronous Rectification for Isolated Power Supplies




Số phần tương tự - ISL6610CBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL6610CBZ INTERSIL-ISL6610CBZ Datasheet
276Kb / 11P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
logo
Renesas Technology Corp
ISL6610CBZ RENESAS-ISL6610CBZ Datasheet
281Kb / 11P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
More results


Mô tả tương tự - ISL6610CBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
Synchronous-Rectified Buck MOSFET Drivers
2000 01
ISL6210 INTERSIL-ISL6210 Datasheet
249Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 28, 2006
ISL6610 INTERSIL-ISL6610 Datasheet
276Kb / 11P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
ISL6597 INTERSIL-ISL6597_06 Datasheet
259Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Renesas Technology Corp
ISL6210 RENESAS-ISL6210 Datasheet
498Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
ISL6597 RENESAS-ISL6597 Datasheet
564Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
ISL6610 RENESAS-ISL6610 Datasheet
281Kb / 11P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
More results




Giới thiệu về Intersil Corporation


Intersil Corporation là một công ty bán dẫn của Mỹ chuyên về thiết kế và sản xuất các mạch tích hợp tương tự và tín hiệu hỗn hợp hiệu suất cao.
Công ty được thành lập vào năm 1967 và được biết đến với chuyên môn về quản lý năng lượng, chuyển đổi dữ liệu và công nghệ tần số vô tuyến (RF).
Các sản phẩm của Intersil được sử dụng trong một loạt các ứng dụng như điện tử tiêu dùng, công nghiệp, viễn thông, và hàng không vũ trụ và phòng thủ.
Năm 2016, Intersil được mua lại bởi Renesas Electronics Corporation, một công ty bán dẫn của Nhật Bản.
Thương hiệu và công nghệ Intersil tiếp tục được phát triển và bán như một phần của danh mục sản phẩm của Renesas.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com