công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6551ABZ bảng dữ liệu (PDF) - Intersil Corporation

ISL6551ABZ Datasheet PDF - Intersil Corporation
tên linh kiện ISL6551ABZ
tải về  ISL6551ABZ tải về
kích thước tập tin   652.88 Kbytes
Page   27 Pages
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Giải thích chi tiết về linh kiện ZVS Full Bridge PWM Controller

ISL6551ABZ Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
ISL6551ABZ Datasheet PDF - Intersil Corporation

tên linh kiện ISL6551ABZ
tải về  ISL6551ABZ Click to download

kích thước tập tin   652.88 Kbytes
Page   27 Pages
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Giải thích chi tiết về linh kiện ZVS Full Bridge PWM Controller

ISL6551ABZ bảng dữ liệu (HTML) - Intersil Corporation


ISL6551ABZ Thông tin chi tiết sản phẩm

The ISL6551 is a zero voltage switching (ZVS) full-bridge PWM
controller designed for isolated power systems. This part
implements a unique control algorithm for fixed-frequency ZVS
current mode control, yielding high efficiency with low EMI. The
two lower drivers are PWM controlled on the trailing edge and
employ resonant delay while the two upper drivers are driven
at a fixed 50% duty cycle.
This IC integrates many features in 28 Ld SOIC package to
yield a complete and sophisticated power supply solution.
Control features include programmable soft-start for
controlled start-up, programmable resonant delay for zero
voltage switching, programmable leading edge blanking to
prevent false triggering of the PWM comparator due to the
leading edge spike of the current ramp, adjustable ramp for
slope compensation, drive signals for implementing
synchronous rectification in high output current, ultra high
efficiency applications and current share support for
paralleling up to 10 units, which helps achieve higher reliability
and availability as well as better thermal management.
Protective features include adjustable cycle-by-cycle peak
current limiting for overcurrent protection, fast short-circuit
protection (in hiccup mode), a latching shutdown input to turn
off the IC completely on output overvoltage conditions or other
extreme and undesirable faults, a non-latching enable input to
accept an enable command when monitoring the input voltage
and thermal condition of a converter and VDD undervoltage
lockout with hysteresis. Additionally, the ISL6551 includes
high current high-side and low-side totem-pole drivers to avoid
additional external drivers for moderate gate capacitance (up
to 1.6nF at 1MHz) applications, an uncommitted high
bandwidth (10MHz) error amplifier for feedback loop
compensation, a precision bandgap reference with ±1.5%
(ISL6551AB) or ±1% (ISL6551IB) tolerance across
recommended operating conditions and a ±5% “in regulation”
monitor.

Features
• High speed PWM (up to 1MHz) for ZVS full bridge control
• Current mode control compatible
• High current high-side and low-side totem-pole drivers
• Adjustable resonant delay for ZVS
• 10MHz error amplifier bandwidth
• Programmable soft-start
• Precision bandgap reference
• Latching shutdown input
• Non-latching enable input
• Adjustable leading edge blanking
• Adjustable dead time control
• Adjustable ramp for slope compensation
• Fast short-circuit protection (hiccup mode)
• Adjustable cycle-by-cycle peak current limiting
• Drive signals to implement synchronous rectification
• VDD undervoltage lockout
• Current share support
• ±5% “in regulation” indication
• Pb-free (RoHS compliant)

Applications
• Full-bridge and push-pull converters
• Power supplies for off-line and Telecom/Datacom
• Power supplies for high end microprocessors and servers




Số phần tương tự - ISL6551ABZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL6551ABZ INTERSIL-ISL6551ABZ Datasheet
619Kb / 26P
ZVS Full Bridge PWM Controller
July 8, 2005
ISL6551ABZ INTERSIL-ISL6551ABZ Datasheet
616Kb / 26P
ZVS Full Bridge PWM Controller
January 3, 2006
logo
Renesas Technology Corp
ISL6551ABZ RENESAS-ISL6551ABZ Datasheet
1Mb / 27P
ZVS Full Bridge PWM Controller
Oct 28, 2015
logo
Intersil Corporation
ISL6551ABZ-T INTERSIL-ISL6551ABZ-T Datasheet
619Kb / 26P
ZVS Full Bridge PWM Controller
July 8, 2005
More results


Mô tả tương tự - ISL6551ABZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL6551 INTERSIL-ISL6551 Datasheet
619Kb / 26P
ZVS Full Bridge PWM Controller
July 8, 2005
ISL6753 INTERSIL-ISL6753 Datasheet
465Kb / 15P
ZVS Full-Bridge PWM Controller
March 10, 2005
ISL6551 INTERSIL-ISL6551_06 Datasheet
616Kb / 26P
ZVS Full Bridge PWM Controller
January 3, 2006
ISL6753 INTERSIL-ISL6753_06 Datasheet
399Kb / 15P
ZVS Full-Bridge PWM Controller
April 4, 2006
ISL6551IREC INTERSIL-ISL6551IREC Datasheet
506Kb / 23P
ZVS Full Bridge PWM Controller
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
ZVS Full-Bridge PWM Controller
April 4, 2006
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
ZVS Full-Bridge PWM Controller
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
ZVS Full-Bridge PWM Controller with Average Current Limit
ISL6551 RENESAS-ISL6551 Datasheet
1Mb / 27P
ZVS Full Bridge PWM Controller
Oct 28, 2015
ISL6551I RENESAS-ISL6551I Datasheet
1Mb / 24P
ZVS Full Bridge PWM Controller
Nov 17, 2011
More results




Giới thiệu về Intersil Corporation


Intersil Corporation là một công ty bán dẫn của Mỹ chuyên về thiết kế và sản xuất các mạch tích hợp tương tự và tín hiệu hỗn hợp hiệu suất cao.
Công ty được thành lập vào năm 1967 và được biết đến với chuyên môn về quản lý năng lượng, chuyển đổi dữ liệu và công nghệ tần số vô tuyến (RF).
Các sản phẩm của Intersil được sử dụng trong một loạt các ứng dụng như điện tử tiêu dùng, công nghiệp, viễn thông, và hàng không vũ trụ và phòng thủ.
Năm 2016, Intersil được mua lại bởi Renesas Electronics Corporation, một công ty bán dẫn của Nhật Bản.
Thương hiệu và công nghệ Intersil tiếp tục được phát triển và bán như một phần của danh mục sản phẩm của Renesas.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com