công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EL5178ISZ bảng dữ liệu (PDF) - Intersil Corporation

EL5178ISZ Datasheet PDF - Intersil Corporation
tên linh kiện EL5178ISZ
tải về  EL5178ISZ tải về
kích thước tập tin   839.95 Kbytes
Page   18 Pages
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Giải thích chi tiết về linh kiện 700MHz Differential Twisted-Pair Drivers

EL5178ISZ Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
EL5178ISZ Datasheet PDF - Intersil Corporation

tên linh kiện EL5178ISZ
tải về  EL5178ISZ Click to download

kích thước tập tin   839.95 Kbytes
Page   18 Pages
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Giải thích chi tiết về linh kiện 700MHz Differential Twisted-Pair Drivers

EL5178ISZ bảng dữ liệu (HTML) - Intersil Corporation


EL5178ISZ Thông tin chi tiết sản phẩm

The EL5178 and EL5378 are single and triple high bandwidth
amplifiers with an output in differential form. They are
primarily targeted for applications such as driving twisted-pair
lines in component video applications. The inputs can be in
either single-ended or differential form but the outputs are
always in differential form.
On the EL5178 and EL5378, two feedback inputs provide the
user with the ability to set the gain of each device (stable at
minimum gain of 2).
The output common mode level for each channel is set by the
associated REF pin, which has a -3dB bandwidth of over
110MHz. Generally, these pins are grounded but can be tied to
any voltage reference.
All outputs are short circuit protected to withstand temporary
overload condition.
The EL5178 is available in 8 Ld MSOP and SOIC packages and
EL5378 is available in a 28 Ld QSOP package. All are specified
for operation over the full -40°C to +85°C temperature range.

Features
• Fully differential inputs, outputs, and feedback
• Differential input range ±2.3V
• 700MHz 3dB bandwidth
• 1000V/µs slew rate
• Low distortion at 5MHz and 20MHz
• Single 5V or dual ±5V supplies
• 60mA maximum output current
• Low power - 12.5mA per channel
• Pb-free available (RoHS compliant)

Applications
• Twisted-pair driver
• Differential line driver
• VGA over twisted-pair
• ADSL/HDSL driver
• Single-ended to differential amplification
• Transmission of analog signals in a noisy environment




Số phần tương tự - EL5178ISZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
720Kb / 18P
700MHz Differential Twisted-Pair Drivers
May 16, 2007
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
826Kb / 17P
700MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5178ISZ RENESAS-EL5178ISZ Datasheet
1Mb / 18P
700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178ISZ-T13 INTERSIL-EL5178ISZ-T13 Datasheet
720Kb / 18P
700MHz Differential Twisted-Pair Drivers
May 16, 2007
EL5178ISZ-T7 INTERSIL-EL5178ISZ-T7 Datasheet
720Kb / 18P
700MHz Differential Twisted-Pair Drivers
May 16, 2007
More results


Mô tả tương tự - EL5178ISZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
250MHz Differential Twisted-Pair Drivers
October 30, 2006
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
100MHz Differential Twisted-Pair Drivers
April 24, 2006
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
450MHz Differential Twisted-Pair Drivers
January 25, 2006
EL5178 INTERSIL-EL5178_07 Datasheet
720Kb / 18P
700MHz Differential Twisted-Pair Drivers
May 16, 2007
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
450MHz Differential Twisted-Pair Drivers
February 4, 2008
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
700MHz Differential Twisted-Pair Drivers
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
250MHz Differential Twisted-Pair Drivers
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
450MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
700MHz Differential Twisted-Pair Drivers
More results




Giới thiệu về Intersil Corporation


Intersil Corporation là một công ty bán dẫn của Mỹ chuyên về thiết kế và sản xuất các mạch tích hợp tương tự và tín hiệu hỗn hợp hiệu suất cao.
Công ty được thành lập vào năm 1967 và được biết đến với chuyên môn về quản lý năng lượng, chuyển đổi dữ liệu và công nghệ tần số vô tuyến (RF).
Các sản phẩm của Intersil được sử dụng trong một loạt các ứng dụng như điện tử tiêu dùng, công nghiệp, viễn thông, và hàng không vũ trụ và phòng thủ.
Năm 2016, Intersil được mua lại bởi Renesas Electronics Corporation, một công ty bán dẫn của Nhật Bản.
Thương hiệu và công nghệ Intersil tiếp tục được phát triển và bán như một phần của danh mục sản phẩm của Renesas.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com