công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

9FGV0841 bảng dữ liệu (PDF) - Integrated Device Technology

9FGV0841 Datasheet PDF - Integrated Device Technology
tên linh kiện 9FGV0841
tải về  9FGV0841 tải về
kích thước tập tin   212.1 Kbytes
Page   16 Pages
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology
Giải thích chi tiết về linh kiện Programmable Slew rate for each output

9FGV0841 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
9FGV0841 Datasheet PDF - Integrated Device Technology

tên linh kiện 9FGV0841
tải về  9FGV0841 Click to download

kích thước tập tin   212.1 Kbytes
Page   16 Pages
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology
Giải thích chi tiết về linh kiện Programmable Slew rate for each output

9FGV0841 bảng dữ liệu (HTML) - Integrated Device Technology


9FGV0841 Thông tin chi tiết sản phẩm

Description
The 9FGV0841 is a member of IDTs SOC-friendly 1.8V very low-power PCIe clock family. It has integrated output terminations providing Zo = 100Ω for direction connection to 100Ω transmission lines. The device has 8 output enables for clock management, 2 different spread spectrum levels in addition to spread off, and 2 selectable SMBus addresses.

Features
• Direct connection to 100Ω transmission lines; saves 32 resistors compared to standard PCIe devices
• 62mW typical power consumption; reduced thermal concerns
• Outputs can optionally be supplied from any voltage between 1.05 and 1.8V; maximum power savings
• OE# pins; support DIF power management
• LP-HCSL differential clock outputs; reduced power and board space
• Programmable slew rate for each output; allows tuning for various line lengths
• Programmable output amplitude; allows tuning for various application environments
• DIF outputs blocked until PLL is locked; clean system start-up
• Selectable 0%, -0.25% or -0.5% spread on DIF outputs; reduces EMI
• External 25MHz crystal; supports tight ppm with 0 ppm synthesis error
• Configuration can be accomplished with strapping pins; SMBus interface not required for device control
• 3.3V tolerant SMBus interface works with legacy controllers
• Selectable SMBus addresses; multiple devices can easily share an SMBus segment
• Space saving 6 x 6 mm 48-VFQFPN; minimal board space

Output Features
• 8 100MHz Low-Power (LP) HCSL DIF pairs with Zo = 100Ω
• 1 1.8V LVCMOS REF output with Wake-On-LAN (WOL) support

Typical Applications
PCIe Gen1–4 clock generation for Riser Cards, Storage, Networking, JBOD, Communications, Access Points




Số phần tương tự - 9FGV0841

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
9FGV0841 IDT-9FGV0841 Datasheet
280Kb / 17P
8-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGV0841 RENESAS-9FGV0841 Datasheet
1,014Kb / 22P
8-Output Very Low-Power PCIe Gen1?? Clock Generator with Zo = 100ohms
June 6, 2019
9FGV0841 RENESAS-9FGV0841 Datasheet
794Kb / 20P
8-Output Very Low-Power PCIe Gen1–4 Clock Generator with Zo = 100ohms
December 2, 2025
logo
Integrated Device Techn...
9FGV0841AKILF IDT-9FGV0841AKILF Datasheet
280Kb / 17P
8-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
9FGV0841AKILF IDT-9FGV0841AKILF Datasheet
261Kb / 17P
8-Output Very Low-Power PCIe Gen1-2-3-4 Clock Generator with Zo=100ohms
More results


Mô tả tương tự - 9FGV0841

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Circuit Syst...
9DBV0931 ICST-9DBV0931 Datasheet
208Kb / 17P
Programmable Slew rate for each output
REVISION C 08/28/14
logo
Integrated Device Techn...
9FGU0431 IDT-9FGU0431 Datasheet
199Kb / 15P
Programmable Slew rate for each output
9FGU0441 IDT-9FGU0441 Datasheet
202Kb / 15P
Programmable Slew rate for each output
9FGU0631 IDT-9FGU0631 Datasheet
201Kb / 15P
Programmable Slew rate for each output
9FGU0641 IDT-9FGU0641 Datasheet
211Kb / 15P
Programmable Slew rate for each output
9FGU0831 IDT-9FGU0831 Datasheet
191Kb / 16P
Programmable Slew rate for each output
9FGU0841 IDT-9FGU0841 Datasheet
207Kb / 16P
Programmable Slew rate for each output
9FGV0231 IDT-9FGV0231 Datasheet
223Kb / 15P
Programmable Slew rate for each output
9FGV0241 IDT-9FGV0241 Datasheet
230Kb / 15P
Programmable Slew rate for each output
9FGV0431 IDT-9FGV0431 Datasheet
225Kb / 15P
Programmable Slew rate for each output
More results




Giới thiệu về Integrated Device Technology


Công nghệ thiết bị tích hợp (IDT) là một công ty Mỹ chuyên thiết kế và sản xuất các giải pháp bán dẫn tín hiệu hỗn hợp.
Công ty được thành lập vào năm 1980 và có trụ sở tại San Jose, California.
IDT cung cấp một loạt các sản phẩm bao gồm các giải pháp đồng hồ và thời gian, giao diện bộ nhớ và các sản phẩm logic kỹ thuật số.
Các sản phẩm của công ty được sử dụng trong các ứng dụng khác nhau như điện toán, viễn thông và tự động hóa công nghiệp.
IDT được biết đến với chuyên môn về công nghệ bán dẫn tín hiệu hỗn hợp và khả năng cung cấp các sản phẩm chất lượng cao và đáng tin cậy cho khách hàng của mình.
Công ty có các hoạt động và cơ sở ở các quốc gia khác nhau trên thế giới và hợp tác chặt chẽ với khách hàng của mình để cung cấp các giải pháp bán dẫn tùy chỉnh đáp ứng các yêu cầu và nhu cầu cụ thể của họ.
Ngoài hoạt động kinh doanh cốt lõi, IDT còn cung cấp các giải pháp cho thị trường ô tô, trung tâm dữ liệu và Internet of Things (IoT).

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com