| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 NXP Semiconductors |
74LVC322245A
|
87Kb / 16P |
32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state
1999 Sep 01 |
|
74LVC32245A
|
87Kb / 16P |
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01 |
|
74LVC32245A
|
88Kb / 12P |
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007 |
|
74LVCH32245A
|
93Kb / 13P |
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007 |
|
74LVC_LVCH162245A
|
237Kb / 16P |
16-bit transceiver with direction pin, 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-23 November 2011 |
|
74LVC2245A
|
297Kb / 16P |
Octal transceiver with direction pin, 30 series termination resistors; 5 V tolerant input/output; 3-state
Rev. 5-4 November 2011 |
|
74LVC32245A
|
162Kb / 14P |
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011 |
|
74LVCH32245A
|
175Kb / 15P |
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011 |
 Nexperia B.V. All right... |
74LVCH162245A
|
257Kb / 14P |
16-bit transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021 |
|
74LVC32245A
|
984Kb / 14P |
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011 |