| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 NXP Semiconductors |
PBSS8110T
|
133Kb / 12P |
100 V, 1 A NPN low VCEsat (BISS) transistor
2003 Dec 22 |
|
PBSS8110Z
|
104Kb / 12P |
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-26 April 2004 |
|
PBSS8110X
|
148Kb / 15P |
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-11 May 2005 |
|
PBSS304NZ
|
125Kb / 14P |
60 V, 5.2 A NPN low VCEsat (BISS) transistor
Rev. 01-18 September 2006 |
|
PBSS306NX
|
155Kb / 15P |
100 V, 4.5 A NPN low VCEsat (BISS) transistor
Rev. 01-21 August 2006 |
|
PBSS306NZ
|
194Kb / 14P |
100 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009 |
 Nexperia B.V. All right... |
PBSS8510PA
|
290Kb / 16P |
100 V, 5.2 A NPN low VCEsat (BISS) transistor
|
|
PBSS8110D
|
286Kb / 13P |
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009 |
|
PBSS304NZ
|
308Kb / 15P |
60 V, 5.2 A NPN low VCEsat (BISS) transistor
Rev. 02 - 20 November 2009 |
|
PBSS8110Y
|
299Kb / 14P |
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 21 November 2009 |