| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Integrated Technology F... |
211002B
|
171Kb / 2P |
Typical 1dB bandwidth of 9.8 MHz
Rev 1.0 2013. 04. 01 |
|
230952B
|
194Kb / 2P |
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 05. 06 |
|
250925B
|
171Kb / 2P |
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2015. 03. 25 |
|
250928B
|
168Kb / 2P |
Typical 1dB bandwidth of 9.3 MHz
|
|
250931B
|
168Kb / 2P |
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 03. 25 |
|
250960B
|
184Kb / 2P |
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 05. 06 |
|
250961B
|
175Kb / 2P |
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 05. 06 |
|
250965B
|
171Kb / 2P |
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 03. 28 |
|
250913B
|
177Kb / 2P |
Typical 1dB bandwidth of 9.3 MHz
|
|
250916B
|
177Kb / 2P |
Typical 1dB bandwidth of 9.3 MHz
|