| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Micronetics, Inc. |
CNS7106-D1C
|
293Kb / 2P |
High Power Broadband Noise Sources 200 kHz to 12 MHz
|
|
SMDM70TTL
|
298Kb / 2P |
Legacy 200 kHz to 2 MHz
|
|
SMN7106-D1C
|
296Kb / 3P |
Surface Mount Noise Sources 200 kHz to 12 MHz
|
 TEMEX |
RVX7050M
|
883Kb / 9P |
Ultra Low Jitter 0.05 to 0.3 ps integrated 12 kHz to 20 MHz
|
 Mercury United Electron... |
HDK8
|
105Kb / 1P |
HDK femto second integrated phase jitter ( 200 fs typical , 12 KHz to 20 MHz ) .
|
|
HN53
|
159Kb / 1P |
Femto second integrated phase jitter
|
|
HN57
|
159Kb / 1P |
Femto second integrated phase jitter
|
|
HPQF5761
|
144Kb / 1P |
1.0 pS phase jitter ( typical )
|
|
HTQF5361
|
140Kb / 1P |
1.0 pS phase jitter ( typical )
|
 Cypress Semiconductor |
CY27410
|
2Mb / 29P |
RMS phase jitter: 1-ps max at 12-kHz to 20-MHz offset
|