công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90522 bảng dữ liệu (PDF) - fujitsu semiconductor

MB90522 Datasheet PDF - fujitsu semiconductor
tên linh kiện MB90522
tải về  MB90522 tải về
kích thước tập tin   1539.01 Kbytes
Page   106 Pages
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor
Giải thích chi tiết về linh kiện 16-bit Proprietary Microcontroller

MB90522 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
MB90522 Datasheet PDF - fujitsu semiconductor

tên linh kiện MB90522
tải về  MB90522 Click to download

kích thước tập tin   1539.01 Kbytes
Page   106 Pages
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor
Giải thích chi tiết về linh kiện 16-bit Proprietary Microcontroller

MB90522 bảng dữ liệu (HTML) - fujitsu semiconductor


MB90522 Thông tin chi tiết sản phẩm

■ DESCRIPTION
The MB90520 series is a general-purpose 16-bit microcontroller developed and designed by Fujitsu for process control applications in consumer products that require high-speed real-time processing.
The instruction set of the F2MC-16LX CPU core inherits AT architecture of the F2MC* family with additional instruction sets for high-level languages, extended addressing mode, enhanced multiplication/division instructions, and enhanced bit manipulation instructions. The microcontroller has a 32-bit accumulator for processing long word data.
The MB90520 series has peripheral resources of 8/10-bit A/D converter, 8-bit D/A converter, UART (SCI), extended I/O serial interfaces 0 and 1, 8/16-bit up/down counter/timers 0 and 1, 8/16-bit PPG timers 0 and 1, I/O timer (16-bit free-run timers 1 and 2, input captures 0 and 1 (ICU), output compares 0 and 1 (OCU)), and an LCD controller/driver.

■ FEATURES
• Clock
    Embedded PLL clock multiplication circuit
    Operating clock (PLL clock) can be selected from divided-by-2 of oscillation or one to four times the oscillation
    (at oscillation of 4 MHz, 4 MHz to 16 MHz).
    The system can be operated by a sub-clock (rated at 32.768 kHz).
    Minimum instruction execution time: 62.5 ns (at oscillation of 4 MHz, four times the oscillation clock, operation at VCC of 5.0 V)
• Maximum memory space
    16 Mbytes
• Instruction set optimized for controller applications
    Rich data types (bit, byte, word, long word)
    Rich addressing mode (23 types)
    Enhanced signed multiplication/division instruction and RETI instruction functions
    Enhanced precision calculation realized by 32-bit accumulator
• Instruction set designed for high level language (C) and multi-task operations
    Adoption of system stack pointer
    Enhanced pointer indirect instructions
    Barrel shift instructions
• Program patch function (for two address pointers)
• Enhanced execution speed
    4-byte instruction queue
• Enhanced interrupt function
    8 levels, 34 factors
• Automatic data transmission function independent of CPU operation
    Extended intelligent I/O service function (EI2OS): Up to 16 channels
• Embedded ROM size and types
    Mask ROM: 64 kbytes/128 kbytes
    Flash ROM: 128 kbytes
• Embedded RAM size
    Mask ROM: 4 kbytes
    Flash ROM: 4 kbytes
    Evaluation product: 6 kbytes
• Low-power consumption (stand-by) mode
    Sleep mode (mode in which CPU operating clock is stopped)
    Stop mode (mode in which oscillation is stopped)
    CPU intermittent operation mode
    Hardware stand-by mode
    Clock mode (mode in which other than sub-clock and timebase timer are stopped)
• Process
    CMOS technology
• I/O port
    General-purpose I/O ports (CMOS): 53 ports
    General-purpose I/O ports (via pull-up resistors): 24 ports
    General-purpose I/O ports (open-drain): 8 ports
    Total: 85 ports
• Timer
    Timebase timer/watchdog timer: 1 channel
    8/16-bit PPG timers 0, 1: 8-bit × 2 channels or 16-bit × 1 channel
• 16-bit re-load timers 0, 1: 2 channels
(Continue ...)




Số phần tương tự - MB90522

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
fujitsu semiconductor
MB90522A FUJITSU-MB90522A Datasheet
978Kb / 99P
16-bit Proprietary Microcontroller
MB90522A FUJITSU-MB90522A Datasheet
1Mb / 100P
16-bit Proprietary Microcontroller
MB90522APFF FUJITSU-MB90522APFF Datasheet
978Kb / 99P
16-bit Proprietary Microcontroller
MB90522APFV FUJITSU-MB90522APFV Datasheet
978Kb / 99P
16-bit Proprietary Microcontroller
MB90522B FUJITSU-MB90522B Datasheet
978Kb / 99P
16-bit Proprietary Microcontroller
More results


Mô tả tương tự - MB90522

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
fujitsu semiconductor
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
16-bit Proprietary Microcontroller
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
16-bit Proprietary Microcontroller
MB90F378 FUJITSU-MB90F378 Datasheet
480Kb / 65P
16-BIT PROPRIETARY MICROCONTROLLER
MB90980 FUJITSU-MB90980 Datasheet
583Kb / 48P
16-bit Proprietary Microcontroller
MB90880 FUJITSU-MB90880 Datasheet
1Mb / 75P
16-Bit Proprietary Microcontroller
MB90860E FUJITSU-MB90860E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results




Giới thiệu về fujitsu semiconductor


Fujitsu Contements Limited là một công ty con của Fujitsu Limited, một công ty công nghệ thông tin đa quốc gia Nhật Bản.
Fujitsu Thành phần Limited tập trung vào thiết kế, phát triển và sản xuất các thành phần và thiết bị điện tử.
Công ty cung cấp một loạt các sản phẩm bao gồm các thiết bị lưu trữ dữ liệu, mô -đun giao tiếp không dây và các thành phần điện tử khác.
Fujitsu Contements Limited có các hoạt động và cơ sở vật chất ở nhiều quốc gia khác nhau trên khắp châu Á, châu Âu và châu Mỹ.
Công ty được biết đến với công nghệ tiên tiến, các sản phẩm chất lượng cao và các giải pháp sáng tạo trong ngành điện tử.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com