công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCPL-M611 bảng dữ liệu (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-M611 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
tên linh kiện HCPL-M611
tải về  HCPL-M611 tải về
kích thước tập tin   172.1 Kbytes
Page   11 Pages
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Giải thích chi tiết về linh kiện Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers

HCPL-M611 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
HCPL-M611 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

tên linh kiện HCPL-M611
tải về  HCPL-M611 Click to download

kích thước tập tin   172.1 Kbytes
Page   11 Pages
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Giải thích chi tiết về linh kiện Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers

HCPL-M611 bảng dữ liệu (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-M611 Thông tin chi tiết sản phẩm

Description
These small outline high CMR, high speed, logic gate opto coup lers are single channel devices in a five lead miniature foot print. They are electrically equivalent to the following Avago optocouplers (except there is no output enable feature):
The SO-5 JEDEC registered (MO-155) package outline does not require “through holes” in a PCB. This package occupies approximately one fourth the footprint area of the standard dual-in-line package. The lead profile is designed to be com patible with standard surface mount processes.
The HCPL-M600/01/11 optically coupled gates combine a GaAsP light emitting diode and an integrated high gain photon detector. The output of the detector I.C. is an Open-collector Schottky-clamped transistor. The internal shield provides a guaranteed common mode transient immunity specification of 5,000 V/μs for the HCPL-M601, and 10,000 V/μs for the HCPL-M611.

Features
• Surface Mountable
• Very Small, Low Profile JEDEC Registered Package Outline
• Compatible with Infrared Vapor Phase Reflow and Wave Soldering Processes
• Internal Shield for High Common Mode Rejection (CMR)
   HCPL-M601: 10,000 V/μs at VCM = 50 V
   HCPL-M611: 15,000 V/μs at VCM = 1000 V
• High Speed: 10 Mbd
• LSTTL/TTL Compatible
• Low Input Current Capability: 5 mA
• Guaranteed ac and dc Performance over Temperature: –40°C to 85°C
• Safety and regulatory approvals:
   - UL recognized: 3750 Vac for 1 min. per U.L. (File No. 55361)
   - CSA component acceptance Notice #5
   - IEC/EN/DIN EN 60747-5-2 approved for HCPL-M601/M611 Option 060.
• Lead Free Option

Applications
• Isolated Line Receiver
• Simplex/Multiplex Data Transmission
• Computer-Peripheral Interface
• Microprocessor System Interface
• Digital Isolation for A/D, D/A Conversion
• Switching Power Supply
• Instrument Input/Output Isolation
• Ground Loop Elimination
• Pulse Transformer Replacement




Số phần tương tự - HCPL-M611

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
More results


Mô tả tương tự - HCPL-M611

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
Small Outline, 5 Lead, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
Small Outline, 5 Lead, High Speed Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
ACPL-M60L-000E AVAGO-ACPL-M60L-000E Datasheet
237Kb / 11P
Small Outline, 5 Leads, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-M60L BOARDCOM-ACPL-M60L Datasheet
762Kb / 14P
Small Outline, 5 Leads, High CMR, High-Speed, Logic Gate Optocouplers
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com