| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Analog Devices |
ADP3334
|
230Kb / 8P |
High Accuracy Low IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV.0 |
|
ADP3336
|
364Kb / 8P |
High Accuracy Ultralow IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV.0 |
 ON Semiconductor |
NCP3335
|
128Kb / 8P |
High Accuracy Ultra-low Iq, 500 mA Low Dropout Regulator
April, 2005 ??Rev. 1 |
|
NCP3335A
|
128Kb / 15P |
Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3 |
|
NCP3335A
|
283Kb / 21P |
Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4 |
 Analog Devices |
ADP3300
|
133Kb / 8P |
High Accuracy anyCAP짰 50 mA Low Dropout Linear Regulator
REV. B |
|
ADP3300ARTZ-3.3RL7
|
133Kb / 8P |
High Accuracy anyCAP짰 50 mA Low Dropout Linear Regulator
REV. B |
|
ADP3338AKCZ-3.3RL7
|
295Kb / 16P |
High Accuracy, Ultralow IQ, 1 A, anyCAP짰 Low Dropout Regulator
REV. B |
|
ADP3334ACP
|
380Kb / 12P |
High Accuracy, Low IQ, anyCAP Adjustable Low Dropout Regulator
REV. B |
 ON Semiconductor |
NCP3334DADJR2G
|
81Kb / 7P |
High Accuracy, Ultra Low Iq, 500 mA Adjustable Low Dropout Regulator
April, 2006 ??Rev. 2 |