công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

0603L050SL bảng dữ liệu (PDF) - Littelfuse

0603L050SL Datasheet PDF - Littelfuse
tên linh kiện 0603L050SL
tải về  0603L050SL tải về
kích thước tập tin   187.86 Kbytes
Page   7 Pages
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Giải thích chi tiết về linh kiện LoRhoTM Surface Mount Series

0603L050SL Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
0603L050SL Datasheet PDF - Littelfuse

tên linh kiện 0603L050SL
tải về  0603L050SL Click to download

kích thước tập tin   187.86 Kbytes
Page   7 Pages
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Giải thích chi tiết về linh kiện LoRhoTM Surface Mount Series

0603L050SL bảng dữ liệu (HTML) - Littelfuse


0603L050SL Thông tin chi tiết sản phẩm

Description
Littelfuse LoRho™ Surface Mount PPTC (Polymer Positive Temperature Coefficient) devices provide overcurrent protection for applications where ultra low internal resistance, ultra low voltage drop and automatic resettable protection are desired. This new series allows a higher hold current device in a smaller factor and lower profile as compared to a standard PPTC. It offers ultra low internal resistance while maintaining the high level electrical characteristics and performances of standard PPTC products. All devices are UL and TUV recognized and have maximum fault current of 50A. They are available in 0402 to 2920 sizes while the hold current ranges from 100mA to 7A. Littelfuse 0402 size LoRho™ SMD PPTC is the smallest size surface mounted PPTC device available in the market.

Features
● Ultra low internal resistance
● Very thin profile
● Miniature size saves board space
● Allows a higher hold current dvice in a smaller factor and
   lower profile as compared to a standard PPTC
● Fast response to fault currents
● 0402 size available - the smallest PPTC in the marketCompatible
   with high temperature solders
● Broadest range of Hold Current ratings (100mA to 7A)
● RoHS compliant, Lead Free and Halogen Free
● UL and TUV recognized
● 0603L150SL ideal for USB 3.0

Applications
● USB peripherals including new USB 3.0 / 2.0 ports
● Li-ion / Li-Polymer battery packs
● Smart phones
● Tablet and Notebook PCs
● E-readers
● LCD / LED HDTV
● Computer periperals
● Digital cameras and video cameras
● Hard disk drives
● Game consoles




Số phần tương tự - 0603L050SL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
0603L050SL LITTELFUSE-0603L050SL Datasheet
111Kb / 1P
0603L SL Series
More results


Mô tả tương tự - 0603L050SL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
SURFACE MOUNT SURFACE MOUNT
logo
RFE international
FSMD005-1210 RFE-FSMD005-1210 Datasheet
193Kb / 2P
Surface Mount PPTC FSMD1210 Series
RMF50R-4R7-J RFE-RMF50R-4R7-J Datasheet
70Kb / 1P
SURFACE MOUNT RMF Series: Fusible Thick Film Surface Mount RESISTORS
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
1812L200THPR LITTELFUSE-1812L200THPR Datasheet
513Kb / 6P
Surface Mount > 1812L Series
logo
M/A-COM Technology Solu...
MAMX-007238-CM25MH MA-COM-MAMX-007238-CM25MH_15 Datasheet
75Kb / 4P
E-Series Surface Mount Mixer
MAMX-009239-001500 MA-COM-MAMX-009239-001500_15 Datasheet
565Kb / 3P
E-Series Surface Mount Mixer
logo
Mill-Max Mfg. Corp.
940-44-044-17-400000 MILL-MAX-940-44-044-17-400000 Datasheet
381Kb / 1P
SERIES 940 ??SURFACE MOUNT
logo
Luminus, Inc
SST-10-IR LUMINUS-SST-10-IR Datasheet
1Mb / 12P
Surface Mount Series Infrared LED
logo
Bel Fuse Inc.
0ZCN0030FF2C BEL-0ZCN0030FF2C Datasheet
995Kb / 4P
Surface Mount PTC 0ZCN Series
More results




Giới thiệu về Littelfuse


Littelfuse là một công ty Mỹ chuyên thiết kế và sản xuất các sản phẩm bảo vệ và bảo vệ mạch.
Công ty được thành lập vào năm 1927 và có trụ sở tại Chicago, Illinois.
Littelfuse cung cấp một loạt các sản phẩm bao gồm cầu chì, thiết bị bảo vệ và điều khiển và các sản phẩm polymer.
Các sản phẩm của công ty được sử dụng trong các ứng dụng khác nhau như ô tô, công nghiệp và điện tử tiêu dùng.
Littelfuse được biết đến với chuyên môn về công nghệ bảo vệ và kiểm soát mạch và khả năng cung cấp các sản phẩm chất lượng cao và đáng tin cậy cho khách hàng của mình.
Công ty có các hoạt động và cơ sở ở các quốc gia khác nhau trên thế giới và hợp tác chặt chẽ với khách hàng của mình để cung cấp các giải pháp tùy chỉnh đáp ứng các yêu cầu và nhu cầu cụ thể của họ.
Ngoài hoạt động kinh doanh cốt lõi, Littelfuse cũng cung cấp các giải pháp cho thị trường Trung tâm Dữ liệu và Năng lượng Tái tạo.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com