| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Rugao Dachang Electroni... |
US1A
|
120Kb / 2P |
Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A
|
|
US1AL
|
129Kb / 2P |
Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A
|
|
US2A
|
118Kb / 2P |
Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 2.0 A
|
|
US3A
|
118Kb / 2P |
Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 3.0 A
|
 SeCoS Halbleitertechnol... |
HER301GR
|
175Kb / 2P |
Voltage 50 ~ 1000 V 3Amp Glass Passivated High Efficiency Rectifiers
|
|
HER501GR
|
264Kb / 2P |
Voltage 50 ~ 1000 V 5Amp Glass Passivated High Efficiency Rectifiers
|
|
SEF101AM
|
168Kb / 2P |
Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
|
|
SEF101JD
|
133Kb / 2P |
Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
|
|
SEF201JD
|
208Kb / 2P |
Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
|
 First Silicon Co., Ltd |
S1AF
|
608Kb / 2P |
Reverse Voltage - 50 to 1000 V , Forward Current - 1 A
|