công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

84329AM-01LF bảng dữ liệu (PDF) - Integrated Device Technology

84329AM-01LF Datasheet PDF - Integrated Device Technology
tên linh kiện 84329AM-01LF
tải về  84329AM-01LF tải về
kích thước tập tin   338.94 Kbytes
Page   20 Pages
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology
Giải thích chi tiết về linh kiện 700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER

84329AM-01LF Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
84329AM-01LF Datasheet PDF - Integrated Device Technology

tên linh kiện 84329AM-01LF
tải về  84329AM-01LF Click to download

kích thước tập tin   338.94 Kbytes
Page   20 Pages
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology
Giải thích chi tiết về linh kiện 700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER

84329AM-01LF bảng dữ liệu (HTML) - Integrated Device Technology


84329AM-01LF Thông tin chi tiết sản phẩm

GENERAL DESCRIPTION
The ICS84329-01 is a general purpose, single output high frequency synthesizer. The VCO operates at a frequency range of 200MHz to 700MHz. The VCO frequency is programmed in steps equal to the value of thecrystal frequency divided by 16. The VCO and output frequency can be programmed using the serial or parallel interfaces to the configuration logic. The output can be configured to divide the VCO frequency by 1, 2, 4, and 8. Output frequency steps as small as 125kHz to 1MHz can be achieved using a 16MHz crystal depending on the output dividers.

FEATURES
• Fully integrated PLL, no external loop filter requirements
• 1 differential 3.3V LVPECL output
• Crystal oscillator interface
• Output frequency range: 25MHz to 700MHz
• VCO range: 200MHz to 700MHz
• Parallel interface for programming counter and output dividers during power-up
• Serial 3 wire interface
• RMS Period jitter: 5.5ps (maximum)
• Cycle-to-cycle jitter: 35ps (maximum)
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6) packages




Số phần tương tự - 84329AM-01LF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
84329AM-01LF IDT-84329AM-01LF Datasheet
504Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329AM-01LF RENESAS-84329AM-01LF Datasheet
836Kb / 21P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
APRIL 9, 2014
logo
Integrated Device Techn...
84329AM-01LFT IDT-84329AM-01LFT Datasheet
504Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329AM-01LFT RENESAS-84329AM-01LFT Datasheet
836Kb / 21P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
APRIL 9, 2014
More results


Mô tả tương tự - 84329AM-01LF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Circuit Syst...
ICS84329 ICST-ICS84329 Datasheet
279Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. D DECEMBER 15, 2004
ICS84330 ICST-ICS84330 Datasheet
368Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. B JULY 26, 2004
ICS84329-01B ICST-ICS84329-01B Datasheet
270Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A JUNE 10, 2005
ICS84329B ICST-ICS84329B Datasheet
237Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-01 ICST-ICS84330-01 Datasheet
242Kb / 15P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-02 ICST-ICS84330-02 Datasheet
226Kb / 17P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-03 ICST-ICS84330-03 Datasheet
248Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
84329-01 IDT-84329-01_14 Datasheet
504Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329-01 RENESAS-84329-01 Datasheet
836Kb / 21P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
APRIL 9, 2014
84330B-03 RENESAS-84330B-03 Datasheet
578Kb / 24P
700MHz, Low Jitter, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
January 15, 2016
More results




Giới thiệu về Integrated Device Technology


Công nghệ thiết bị tích hợp (IDT) là một công ty Mỹ chuyên thiết kế và sản xuất các giải pháp bán dẫn tín hiệu hỗn hợp.
Công ty được thành lập vào năm 1980 và có trụ sở tại San Jose, California.
IDT cung cấp một loạt các sản phẩm bao gồm các giải pháp đồng hồ và thời gian, giao diện bộ nhớ và các sản phẩm logic kỹ thuật số.
Các sản phẩm của công ty được sử dụng trong các ứng dụng khác nhau như điện toán, viễn thông và tự động hóa công nghiệp.
IDT được biết đến với chuyên môn về công nghệ bán dẫn tín hiệu hỗn hợp và khả năng cung cấp các sản phẩm chất lượng cao và đáng tin cậy cho khách hàng của mình.
Công ty có các hoạt động và cơ sở ở các quốc gia khác nhau trên thế giới và hợp tác chặt chẽ với khách hàng của mình để cung cấp các giải pháp bán dẫn tùy chỉnh đáp ứng các yêu cầu và nhu cầu cụ thể của họ.
Ngoài hoạt động kinh doanh cốt lõi, IDT còn cung cấp các giải pháp cho thị trường ô tô, trung tâm dữ liệu và Internet of Things (IoT).

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com