công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC56F8255VLD bảng dữ liệu (PDF) - Freescale Semiconductor, Inc

MC56F8255VLD Datasheet PDF - Freescale Semiconductor, Inc
tên linh kiện MC56F8255VLD
tải về  MC56F8255VLD tải về
kích thước tập tin   4056.31 Kbytes
Page   88 Pages
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Giải thích chi tiết về linh kiện Digital Signal Controller Battery chargers and management

MC56F8255VLD Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
MC56F8255VLD Datasheet PDF - Freescale Semiconductor, Inc

tên linh kiện MC56F8255VLD
tải về  MC56F8255VLD Click to download

kích thước tập tin   4056.31 Kbytes
Page   88 Pages
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Giải thích chi tiết về linh kiện Digital Signal Controller Battery chargers and management

MC56F8255VLD bảng dữ liệu (HTML) - Freescale Semiconductor, Inc


MC56F8255VLD Thông tin chi tiết sản phẩm

Digital Signal Controller



The MC56F825x/MC56F824x is a member of the 56800E core-based family of digital signal controllers (DSCs). It combines, on a single chip, the processing power of a DSP and the functionality of a microcontroller with a flexible set of peripherals to create a cost-effective solution. Because of its low cost, configuration flexibility, and compact program code, it is well-suited for many applications. The MC56F825x/MC56F824x includes many peripherals that are especially useful for cost-sensitive applications, including:



• Industrial control

• Home appliances

• Smart sensors

• Fire and security systems

• Solar inverters

• Battery chargers and management

• Switched-mode power supplies and power management

• Power metering

• Motor control (ACIM, BLDC, PMSM, SR, and stepper)

• Handheld power tools

• Arc detection

• Medical devices/equipment

• Instrumentation

• Lighting ballast



The MC56F825x/MC56F824x supports program execution from internal memories. Two data operands per instruction cycle can be accessed from the on-chip data RAM. A full set of programmable peripherals supports various applications. Each peripheral can be independently shut down to save power. Any pin, except Power pins and the Reset pin, can also be configured as General Purpose Input/Outputs (GPIOs). On-chip features include:



• 60 MHz operation frequency

• DSP and MCU functionality in a unified, C-efficient architecture

• On-chip memory

  – 56F8245/46: 48 KB (24K x 16) flash memory; 6 KB (3K x 16) unified data/program RAM

  – 56F8247: 48 KB (24K x 16) flash memory; 8 KB (4K x 16) unified data/program RAM

  – 56F8255/56/57: 64 KB (32K x 16) flash memory; 8 KB (4K x 16) unified data/program RAM

• eFlexPWM with up to 9 channels, including 6 channels with high (520 ps) resolution NanoEdge placement

• Two 8-channel, 12-bit analog-to-digital converters (ADCs) with dynamic x2 and x4  rogrammable amplifier, conversion time as short as 600 ns, and input current-injection protection

• Three analog comparators with integrated 5-bit DAC references

• Cyclic Redundancy Check (CRC) Generator

• Two high-speed queued serial communication interface (QSCI) modules with LIN slave functionality

• Queued serial peripheral interface (QSPI) module

• Two SMBus-compatible inter-integrated circuit (I2C) ports

• Freescale’s scalable controller area network (MSCAN) 2.0 A/B module

• Two 16-bit quad timers (2 x 4 16-bit timers)

• Computer operating properly (COP) watchdog module

• On-chip relaxation oscillator: 8 MHz (400 kHz at standby mode)

• Crystal/resonator oscillator

• Integrated power-on reset (POR) and low-voltage interrupt (LVI) and brown-out reset module

• Inter-module crossbar connection

• Up to 54 GPIOs

• 44-pin LQFP, 48-pin LQFP, and 64-pin LQFP packages

• Single supply: 3.0 V to 3.6 V




Số phần tương tự - MC56F8255VLD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC56F82313 NXP-MC56F82313 Datasheet
433Kb / 2P
Half the power with twice the performance for energy-efficient applications
REV 0
MC56F82313VLC NXP-MC56F82313VLC Datasheet
1Mb / 68P
This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 4, 05/2020
MC56F82316 NXP-MC56F82316 Datasheet
433Kb / 2P
Half the power with twice the performance for energy-efficient applications
REV 0
MC56F82316VLF NXP-MC56F82316VLF Datasheet
1Mb / 68P
This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 4, 05/2020
MC56F82323 NXP-MC56F82323 Datasheet
433Kb / 2P
Half the power with twice the performance for energy-efficient applications
REV 0
More results


Mô tả tương tự - MC56F8255VLD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TSM105 STMICROELECTRONICS-TSM105 Datasheet
95Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
Sep-2001
logo
NXP Semiconductors
PCF50603 PHILIPS-PCF50603 Datasheet
147Kb / 28P
Controller for power supply and battery management
2003 Oct 31
logo
STMicroelectronics
TSM1011_0311 STMICROELECTRONICS-TSM1011_0311 Datasheet
170Kb / 9P
Constant Voltage and Constant Current Controller for Battery Chargers and Adapters
Nov-2003
logo
Rohm
BD5650AFVM ROHM-BD5650AFVM Datasheet
355Kb / 12P
Power Management ICs for Battery Chargers
logo
Unisonic Technologies
UM608 UTC-UM608 Datasheet
142Kb / 4P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
logo
Taiwan Semiconductor Co...
TS1052 TSC-TS1052 Datasheet
289Kb / 8P
Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
Unisonic Technologies
UC34363 UTC-UC34363 Datasheet
172Kb / 6P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
CONTROLLER FOR BATTERY CHARGERS
logo
Texas Instruments
BQ78350 TI1-BQ78350 Datasheet
2Mb / 39P
Battery Management Controller Companion
BQ78350-R1 TI1-BQ78350-R1 Datasheet
1Mb / 32P
Battery Management Controller Companion
More results




Giới thiệu về Freescale Semiconductor, Inc


Chất bán dẫn Freescale là một công ty bán dẫn của Mỹ được thành lập vào năm 1948.
Công ty là nhà cung cấp hàng đầu các bộ vi điều khiển, cảm biến và các sản phẩm bán dẫn khác cho các ứng dụng khác nhau trong thị trường ô tô, công nghiệp và tiêu dùng.
Các sản phẩm của Freescale được biết đến với hiệu suất cao, mức tiêu thụ năng lượng thấp và yếu tố hình thức nhỏ.
Công ty đã được mua lại bởi các chất bán dẫn NXP vào năm 2015, và các sản phẩm và công nghệ của nó tiếp tục được phát triển và bán dưới thương hiệu NXP.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com