công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145181 bảng dữ liệu (PDF) - Motorola, Inc

MC145181 Datasheet PDF - Motorola, Inc
tên linh kiện MC145181
tải về  MC145181 tải về
kích thước tập tin   957.27 Kbytes
Page   71 Pages
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Giải thích chi tiết về linh kiện Dual 550/60 MHz PLL Frequency Synthesizer with DACs and Voltage Multiplier

MC145181 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
MC145181 Datasheet PDF - Motorola, Inc

tên linh kiện MC145181
tải về  MC145181 Click to download

kích thước tập tin   957.27 Kbytes
Page   71 Pages
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Giải thích chi tiết về linh kiện Dual 550/60 MHz PLL Frequency Synthesizer with DACs and Voltage Multiplier

MC145181 bảng dữ liệu (HTML) - Motorola, Inc


MC145181 Thông tin chi tiết sản phẩm

The MC145181 is a dual frequency synthesizer containing very–low supply voltage circuitry. The device supports two independent loops with a single input reference and operates down to 1.8 V. Phase noise reduction circuitry is incorporated into the device.

The MC145181 operates up to 550 MHz on the main loop and up to 60 MHz on the secondary loop. The device has a 32/33 prescaler for the main loop. Lock detection circuitry for both loops is multiplexed to a single output.

Two 8–bit DACs are powered through a dedicated pin. The DAC supply range is 1.8 to 3.6 V; this voltage may differ from the main supply.



• Operating Frequency

   Main Loop: 100 to 550 MHz

   Secondary Loop: 10 to 60 MHz

• Operating Supply Voltage: 1.8 to 3.6 V

• Nominal Supply Current, Both Loops Active: 3 mA

• Maximum Standby Current, All Systems Shut Down: 10 µA

• Phase Detector Output Current:

   1.8 V Supply — PDout–Hi: 2.8 mA, PDout–Lo: 0.7 mA

   ≥2.5 V Supply — PDout–Hi: 4.4 mA, PDout–Lo: 1.1 mA

• Two Independent 8–Bit DACs with Separate Supply Pin (Up to 3.6 V)

• Lock Detect Output with Adjustable Lock Indication Window

• Independent R Counters Allow Independent Step Sizes for Each Loop

• Main Loop Divider Range: 992 to 262,143

• Secondary Loop Divider Range: 7 to 8,191

• Fractional Reference Counters Divider Range: 20 to 32,767.5

• Auxiliary Reference Divider with Small–Signal Differential

   Output — Ratios: 8, 10, 12.5

• Three General–Purpose Outputs

• Direct Interface to Motorola SPI Data Port Up to 10 Mbps



 




Số phần tương tự - MC145181

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14518 ONSEMI-MC14518 Datasheet
174Kb / 8P
Dual Up Counters
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14518-520B MOTOROLA-MC14518-520B Datasheet
203Kb / 7P
DUAL UP COUNTERS
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B Datasheet
174Kb / 8P
Dual Up Counters
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14518B MOTOROLA-MC14518B Datasheet
203Kb / 7P
DUAL UP COUNTERS
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B Datasheet
112Kb / 9P
Dual Up Counters
January, 2006 ??Rev. 5
More results


Mô tả tương tự - MC145181

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
Dual PLL frequency synthesizer
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
Dual PLL Frequency Synthesizer Circuit
LV2105V SANYO-LV2105V Datasheet
74Kb / 7P
530 MHz PLL Frequency Synthesizer LSI
logo
Hynix Semiconductor
GM6535 HYNIX-GM6535 Datasheet
225Kb / 23P
60 MHz Universal Programmable Dual PLL Frequency synthesizer
logo
Peregrine Semiconductor...
PE3291 PEREGRINE-PE3291 Datasheet
238Kb / 15P
1200 MHz / 550 MHz Dual Fractional-N FlexiPower??PLL for Frequency Synthesis
logo
California Eastern Labs
UPB1007K CEL-UPB1007K Datasheet
343Kb / 9P
3 V DUAL DOWNCONVERTER AND PLL FREQUENCY SYNTHESIZER
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162 Datasheet
1Mb / 24P
60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
Dual PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162_08 Datasheet
436Kb / 24P
60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
More results




Giới thiệu về Motorola, Inc


Motorola, Inc. là một công ty viễn thông đa quốc gia Hoa Kỳ được thành lập vào năm 1928. Nó có trụ sở tại Schaumburg, Illinois và là một trong những nhà cung cấp điện thoại di động, thiết bị viễn thông và chất bán dẫn lớn nhất. Trong suốt lịch sử của mình, Motorola được biết đến với sự đổi mới trong lĩnh vực viễn thông, bao gồm cả sự phát triển của điện thoại di động thương mại đầu tiên trên thế giới, Dynatac và máy nhắn tin hai chiều đầu tiên của thế giới, The PageBoy.

Năm 2011, Motorola chia thành hai công ty riêng biệt: Motorola Mobility và Motorola Solutions. Motorola Mobility sau đó đã được Google mua lại vào năm 2012 và hiện là công ty con của Lenovo. Motorola Solutions tập trung vào các giải pháp truyền thông thương mại và an toàn công cộng và công nghiệp. Công ty cung cấp một loạt các sản phẩm bao gồm radio hai chiều, thiết bị điện toán di động và thiết bị cơ sở hạ tầng mạng.

Motorola là một trong những người tiên phong của ngành công nghiệp điện thoại di động và có một lịch sử phong phú về đổi mới và tiến bộ công nghệ. Di sản của công ty tiếp tục thông qua các công ty con và công nghệ và sản phẩm tiếp tục được sử dụng trên toàn thế giới.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com