| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Molex Electronics Ltd. |
0797580013
|
157Kb / 2P |
Mini-Fit??Male Tin (Sn) 18 AWG,UL1061,300MM
|
|
0797580009
|
157Kb / 2P |
Mini-Fit??Female (Sn) 18 AWG,UL1061,300MM
|
|
0797580002
|
157Kb / 2P |
Micro-Fit Female (Sn) 20 AWG,UL1061,150MM
|
|
0797580007
|
157Kb / 2P |
KK Hot Tin (Sn) 22 AWG,UL1061,150MM
|
|
1727653121
|
40Kb / 2P |
Mini-Fit TPA2 Male Crimp Terminal, Brass, Pre-Plated Tin (Sn), 18-20 AWG
|
|
1727653122
|
40Kb / 1P |
Mini-Fit TPA2 Male Crimp Terminal, Brass, Pre-Plated Tin (Sn), 18-20 AWG
|
|
1727654121
|
40Kb / 2P |
Mini-Fit TPA2 Male Crimp Terminal, Brass, Pre-Plated Tin (Sn), 18-20 AWG
|
|
1727654122
|
40Kb / 1P |
Mini-Fit TPA2 Male Crimp Terminal, Brass, Pre-Plated Tin (Sn), 18-20 AWG
|
|
0797580005
|
42Kb / 1P |
Pre-Crimped Lead Mini-Fit Male-to-Mini-Fit Male Tin Plated, 150mm, 18 AWG
|
|
0797580013
|
42Kb / 1P |
Pre-Crimped Lead Mini-Fit Male-to-Mini-Fit Male Tin Plated, 300mm, 18 AWG
|