công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B37941X1104K070 bảng dữ liệu (PDF) - EPCOS

B37941X1104K070 Datasheet PDF - EPCOS
tên linh kiện B37941X1104K070
tải về  B37941X1104K070 tải về
kích thước tập tin   797.66 Kbytes
Page   17 Pages
nhà sản xuất  EPCOS [EPCOS]
Trang chủ  http://www.epcos.com
Logo EPCOS - EPCOS
Giải thích chi tiết về linh kiện Multilayer ceramic capacitors

B37941X1104K070 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
B37941X1104K070 Datasheet PDF - EPCOS

tên linh kiện B37941X1104K070
tải về  B37941X1104K070 Click to download

kích thước tập tin   797.66 Kbytes
Page   17 Pages
nhà sản xuất  EPCOS [EPCOS]
Trang chủ  http://www.epcos.com
Logo EPCOS - EPCOS
Giải thích chi tiết về linh kiện Multilayer ceramic capacitors

B37941X1104K070 bảng dữ liệu (HTML) - EPCOS


B37941X1104K070 Thông tin chi tiết sản phẩm

Description
The MLSC series was designed for applications directly linked to a power source / voltage source (e.g. battery, clamp 30 in automotive applications) and safety relevant application without (integrated) current limitation.

Features
▪ The MLSC (Multi Layer Serial Ceramic Capacitor) consists of two serial connected capacitors
   in one component
▪ Due to the special design the probability of a short circuit is much reduced
   - in case of a bending crack
   - in many cases of an assembling crack
   - in many cases of a solder shock crack
▪ The MLSC meets the requirements of automotive manufacturers for a (redundant) serial
   connection of two capacitors, if the application is directly connected to the battery, in one
   component.
▪ Reduced number of components leads to
   - increased reliability
   - place saving on the PCB
   - reduced assembling time
▪ The MLSC is based on established MLCC technology, but with more robust design. This
   MLCC technology offers highest reliability (ppb-rate) and long term field experience.
▪ The MLSC offers high reliability due to more stringent process control and end of line testing,
   which enables the achievement of a 10 ppb level for the application failure rate (measure: 0
   mileage and field), see chapter ppb – Level Assurance System page 12.
▪ The MLSC meets AEC-Q200 requirements, see pages 7 – 11.
▪ The specified bending strength is 2 mm according to piezo electric method (∆I measurement)
▪ The MLSC is suitable for applications with temperature requirements up to 150 °C with respect
   to the voltage derating and short term temperature peaks up to 175 °C without load, see
   chapter High Temperature Application page 3.
▪ The MLSC is lead free in terms of RoHS.
▪ Nickel barrier termination
▪ BME technology
▪ The MLSC offers a selected range of capacitance in case size 0805 (rated voltage 50 V and
   100 V).

Applications
Applications directly linked to a power source / voltage source and safety relevant application without (integrated) current limitation. Some examples:
   ▪ Automotive electronics (e.g. clamp 30, RF filter in small power motors, security control
      systems or drive and engine control units)
   ▪ Power electronics (e.g. DC/DC converter)
   ▪ Mobile devices with battery / accumulator (e.g. filter at charging set)




Số phần tương tự - B37941X1104K070

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EPCOS
B37941X1102K060 EPCOS-B37941X1102K060 Datasheet
413Kb / 14P
Multilayer ceramic capacitor
B37941X1102K062 EPCOS-B37941X1102K062 Datasheet
413Kb / 14P
Multilayer ceramic capacitor
B37941X1102K070 EPCOS-B37941X1102K070 Datasheet
413Kb / 14P
Multilayer ceramic capacitor
B37941X1102K072 EPCOS-B37941X1102K072 Datasheet
413Kb / 14P
Multilayer ceramic capacitor
B37941X1103K060 EPCOS-B37941X1103K060 Datasheet
413Kb / 14P
Multilayer ceramic capacitor
More results


Mô tả tương tự - B37941X1104K070

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
Multilayer Ceramic Capacitors
C0G EPCOS-C0G Datasheet
235Kb / 21P
Multilayer Ceramic Capacitors
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
Multilayer ceramic capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors
logo
EPCOS
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
Multilayer Ceramic Capacitors
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
MULTILAYER CERAMIC CAPACITORS
Jul. 2023
More results




Giới thiệu về EPCOS


EPCOS AG (nay là TDK Electronics AG) là một công ty của Đức chuyên về thiết kế và sản xuất các thành phần điện tử, bao gồm các tụ điện, cuộn cảm và bộ lọc EMI.

Công ty được thành lập vào năm 1919 và có trụ sở tại Munich, Đức.

EPCOS được biết đến với các sản phẩm chất lượng cao và các giải pháp sáng tạo, và nó có một danh tiếng mạnh mẽ trong ngành công nghiệp điện tử.

Năm 2009, EPCOS trở thành công ty con của TDK Corporation, một công ty điện tử đa quốc gia có trụ sở tại Nhật Bản.

Ngày nay, EPCOS hoạt động dưới dạng điện tử TDK và tiếp tục cung cấp một loạt các thành phần và giải pháp điện tử để sử dụng trong nhiều ứng dụng.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com