công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IL4118-X009 bảng dữ liệu (PDF) - Vishay Siliconix

IL4118-X009 Datasheet PDF - Vishay Siliconix
tên linh kiện IL4118-X009
tải về  IL4118-X009 tải về
kích thước tập tin   128.05 Kbytes
Page   8 Pages
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Giải thích chi tiết về linh kiện Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Very Low Input Current

IL4118-X009 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
IL4118-X009 Datasheet PDF - Vishay Siliconix

tên linh kiện IL4118-X009
tải về  IL4118-X009 Click to download

kích thước tập tin   128.05 Kbytes
Page   8 Pages
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Giải thích chi tiết về linh kiện Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Very Low Input Current

IL4118-X009 bảng dữ liệu (HTML) - Vishay Siliconix


IL4118-X009 Thông tin chi tiết sản phẩm

DESCRIPTION
The IL4116, IL4117, and IL4118 consists of an AlGaAs IRLED optically coupled to a photosensitive zero crossing TRIAC network. The TRIAC consists of two inverse parallel connected monolithic SCRs. These three semiconductors devices are assembled in a six pin 300 mil dual in-line package.
High input sensitivity is achieved by using an emitter follower phototransistor and a cascaded SCR predriver resulting in an LED trigger current of less than 1.3 mA (DC).
The IL4116, IL4117, IL4118 uses zero cross line voltage detection circuit witch consists of two enhancement MOSFETs and a photodiode. The inhibit voltage of the network is determined by the enhancement voltage of the n-channel FET. The P-channel FET is enabled by a photocurrent source that permits the FET to conduct the main voltage to gate on the n-channel FET. Once the main voltage can enable the n-channel, it clamps the base of the phototransistor, disabling the first stage SCR predriver.
The blocking voltage of up to 800 V permits control of off-line voltages up to 240 VAC, with a safety factor of more than two, and is sufficient for as much as 380 VAC. Current handling capability is up to 300 mA RMS continuous at 25 °C.
The IL4116, IL4117, IL4118 isolates low-voltage logic from 120 VAC, 240 VAC, and 380 VAC lines to control resistive, inductive, or capacitive loads including motors, solenoids, high current thyristors or TRIAC and relays.
Applications include solid-state relays, industrial controls, office equipment, and consumer appliances.

FEATURES
• High input sensitivity:
   IFT = 1.3 mA, PF = 1.0;
   IFT = 3.5 mA, typical PF < 1.0
• Zero voltage crossing
• 600 V, 700 V, and 800 V blocking voltage
• 300 mA on-state current
• High dV/dt 10 000 V/μs
• Isolation test voltage 5300 VRMS
• Very low leakage < 10 μA
• Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC

APPLICATIONS
• Solid state relay
• Lighting controls
• Temperature controls
• Solenoid/valte controls
• AC motor drives/starters




Số phần tương tự - IL4118-X009

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
IL4118-X009T VISHAY-IL4118-X009T Datasheet
207Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
11-Nov-2021
More results


Mô tả tương tự - IL4118-X009

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
IL410 VISHAY-IL410 Datasheet
737Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
26-Apr-04
IL410 VISHAY-IL410_08 Datasheet
156Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
09-Jan-08
VO4154 VISHAY-VO4154 Datasheet
117Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
30-Aug-06
VO4157 VISHAY-VO4157 Datasheet
146Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
14-Feb-12
VOT8026AB VISHAY-VOT8026AB Datasheet
185Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
VOT8024AM VISHAY-VOT8024AM Datasheet
160Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
26-Oct-2018
VO4154 VISHAY-VO4154_V01 Datasheet
233Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
15-Nov-2021
VO4158 VISHAY-VO4158 Datasheet
165Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
19-Jan-2022
VOT8024AB VISHAY-VOT8024AB_V01 Datasheet
211Kb / 12P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
VOT8026AB VISHAY-VOT8026AB_V01 Datasheet
185Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
More results




Giới thiệu về Vishay Siliconix


Vishay Siliconix là một công ty con của Vishay Intertech, một nhà sản xuất toàn cầu gồm các thành phần điện tử thụ động.
Vishay Siliconix chuyên về thiết kế, sản xuất và tiếp thị sức mạnh MOSFETS, IGBTS và các chất bán dẫn năng lượng khác.
Công ty được thành lập vào năm 1962 và có trụ sở tại Santa Clara, California.
Vishay Siliconix cung cấp các giải pháp năng lượng cho nhiều ứng dụng, bao gồm các hệ thống năng lượng tái tạo, thiết bị công nghiệp, điện toán và viễn thông và điện tử ô tô.
Các sản phẩm của công ty được thiết kế cho hiệu quả cao, mức tiêu thụ năng lượng thấp và độ tin cậy cao và được sản xuất tại các cơ sở tiên tiến sử dụng các quy trình chế tạo tiên tiến.
Tập trung vào sự đổi mới và sự hài lòng của khách hàng, Vishay Siliconix cam kết cung cấp cho khách hàng của mình các giải pháp quản lý năng lượng tốt nhất để đáp ứng nhu cầu của họ.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com