công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APW7159A bảng dữ liệu (PDF) - Anpec Electronics Coropration

APW7159A Datasheet PDF - Anpec Electronics Coropration
tên linh kiện APW7159A
tải về  APW7159A tải về
kích thước tập tin   439.98 Kbytes
Page   23 Pages
nhà sản xuất  ANPEC [Anpec Electronics Coropration]
Trang chủ  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Giải thích chi tiết về linh kiện Dual Channel Synchronous Buck PWM Controller for SMPS

APW7159A Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
APW7159A Datasheet PDF - Anpec Electronics Coropration

tên linh kiện APW7159A
tải về  APW7159A Click to download

kích thước tập tin   439.98 Kbytes
Page   23 Pages
nhà sản xuất  ANPEC [Anpec Electronics Coropration]
Trang chủ  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Giải thích chi tiết về linh kiện Dual Channel Synchronous Buck PWM Controller for SMPS

APW7159A bảng dữ liệu (HTML) - Anpec Electronics Coropration


APW7159A Thông tin chi tiết sản phẩm

Features
· Single 12V Power Supply Required
· Excellent Output Voltage Regulation
- 1.0V±0.8% Internal Reference Over Line and
Temperature
· Simple Single Loop Control Design
- Voltage Mode PWM Control
· 0~100% Duty Ratio
· Programmable Frequency Range from 50kHz to
400kHz (Constant 50kHz when Floating)
· Integrated Soft-Start and Soft-Off (Patent Pending)
· Support Pre-Biased Power-On
· Both Channel with 180o Phase Shift
· Integrated Boot-Strap Diode
· Over-Current Protection
- Sense High Side MOSFET’s RDS(ON)
· 120% Over-Voltage Protection
· 50% Under-Voltage Protection
· Over-Temperature Protection
· Available in SOP-20 Package
· Lead Free and Green Devices Available
(RoHS Compliant)

General Description
The APW7159A is a dual channel voltage mode and synchronous
PWM controller which drives dual N-channel
MOSFETs. The two channels are operated with 180 degree
phase shift.
The device integrates all of the control, monitoring, and
protecting functions into a single package; provides two
controlled power output with over-voltage, overtemperature,
and over-current protections.
The APW7159A provides excellent regulation for output
load variation. The internal 1.0V temperature-compensated
reference voltage provides high accuracy of 0.8%
over line and temperature. The device includes a 50kHz
free-running triangle-wave oscillator that is adjustable
from 50kHz to 400kHz.
PWM
Controller
1
PWM
Controller
2
APW7159A
VOUT2
VIN
VOUT1
Phase Shift
The APW7159A has been equipped with excellent protection
functions: POR, OCP, UVP, and OVP protections.
The Power-On-Reset (POR) circuit can monitor the VCC
and OCSET voltage to make sure the supply voltage exceeds
their threshold voltage while the controller is
running. The Over-Current Protection (OCP) monitors the
output current by using the voltage drop across the high
side MOSFET’s RDS(ON). When the output current reaches
the trip point, the controller will be latched. Under-Voltage
Protection (UVP) and Over-Voltage Protection (OVP) monitor
the FB voltage to protect APW7159A from burnout when
output voltage is under 50% or over 120% of normal output
voltage. The APW7159A is available in SOP-20
package.




Số phần tương tự - APW7159A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Anpec Electronics Corop...
APW7159C ANPEC-APW7159C Datasheet
357Kb / 27P
Dual Channel Synchronous Buck PWM Controller for SMPS
Rev. A.3 - Oct., 2019
More results


Mô tả tương tự - APW7159A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AT1392 ETC1-AT1392 Datasheet
254Kb / 8P
1-Channel Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B Datasheet
229Kb / 18P
Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074 Datasheet
955Kb / 20P
Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
Synchronous Buck PWM Controller
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com