công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MWCT1001A bảng dữ liệu (PDF) - NXP Semiconductors

MWCT1001A Datasheet PDF - NXP Semiconductors
tên linh kiện MWCT1001A
tải về  MWCT1001A tải về
kích thước tập tin   106.64 Kbytes
Page   2 Pages
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors
Giải thích chi tiết về linh kiện Freescale Wireless Charging Reference Design for Automotive

MWCT1001A Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
MWCT1001A Datasheet PDF - NXP Semiconductors

tên linh kiện MWCT1001A
tải về  MWCT1001A Click to download

kích thước tập tin   106.64 Kbytes
Page   2 Pages
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors
Giải thích chi tiết về linh kiện Freescale Wireless Charging Reference Design for Automotive

MWCT1001A bảng dữ liệu (HTML) - NXP Semiconductors


MWCT1001A Thông tin chi tiết sản phẩm

Target Applications
• 5 W automotive applications
Overview
The 5WTXAUTO reference design is Freescale’s wireless charging solution specifically designed
for automotive applications. From component selection to system operating behavior, every
design decision keeps the complex automotive environment in mind. The result is a highly
optimized automotive system solution with a cost-competitive bill of materials (BOM) and
maximum performance.
The design is based on the Wireless Power Consortium (WPC) A13 transmitter definition,
comprising a 12 VDC source voltage, full H-bridge topology and rail voltage control method. The
system is able to operate from an input source of 6–14 VDC, ideal for an automotive environment
where the source voltage can dramatically vary. For example, many vehicles feature a Start/Stop
function, turning the vehicle’s engine off during periods of extended idle. When the vehicle starts
back up, the battery voltage can droop excessively while the starter cranks the engine, creating
low operating voltages for small periods of time. The rail voltage control method is ideal for
reducing harmonics emissions, thereby addressing the necessary EMC requirements for industry.
Freescale extends support beyond the specified A13 coil type to allow designers to choose the
coil topology that best meets their needs.
This reference design uses Freescale’s innovative wireless charging transmit controller to perform
digital demodulation on incoming communication from the receiver, thereby reducing the need
Features
Compliant to latest WPC Qi specification
Transfer efficiency greater than 60%
Meets latest FOD requirements
Supports many Qi 5 W coil types
Low active RUN power
Low system standby power
consumption (using Freescale proximity
sense technology)
Rail voltage power control
SPI, UART, I2C communication interfaces
On-chip digital demodulation
Run-time calibration
Integrated CAN/LIN support
Meets AEC-Q100 (Grade 2) guidelines
WCT firmware library
NFC capable




Số phần tương tự - MWCT1001A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MWCT1001A3VLH NXP-MWCT1001A3VLH Datasheet
1Mb / 40P
Automotive Wireless Transmitter Controller
Rev. 1.2, 01/2021
MWCT1001AVLH NXP-MWCT1001AVLH Datasheet
1Mb / 40P
Automotive Wireless Transmitter Controller
Rev. 1.2, 01/2021
More results


Mô tả tương tự - MWCT1001A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cirrus Logic
CRD42528 CIRRUS-CRD42528 Datasheet
1Mb / 50P
Reference Design for the
logo
Freescale Semiconductor...
WCT-5W1COILTX FREESCALE-WCT-5W1COILTX Datasheet
173Kb / 2P
Freescale Single-Coil Wireless Charger Reference Design
logo
TDK Electronics
WR221230-36M8-G TDK-WR221230-36M8-G Datasheet
76Kb / 4P
Wireless Charging
WR222230-26M8-G TDK-WR222230-26M8-G Datasheet
72Kb / 4P
Wireless Charging
WR301025-19M8-G TDK-WR301025-19M8-G Datasheet
76Kb / 4P
Wireless Charging
WRM483245 TDK-WRM483245 Datasheet
100Kb / 5P
Wireless Charging
WTM505090-10K2-5V-G1 TDK-WTM505090-10K2-5V-G1 Datasheet
105Kb / 4P
Wireless charging
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630_11 Datasheet
805Kb / 34P
SEPIC Automotive LED Driver Reference Design
08/02/11
logo
Infineon Technologies A...
IRL60HS118 INFINEON-IRL60HS118 Datasheet
1Mb / 16P
Wireless charging
V1.2 2017-03-29
WLC1515 INFINEON-WLC1515 Datasheet
628Kb / 44P
Wireless charging IC (WLC) 15-W transmitter for automotive applications
Rev. A 2023-05-18
More results




Giới thiệu về NXP Semiconductors


NXP S bán dẫn là một công ty đa quốc gia được giao dịch công khai, thiết kế, phát triển và sản xuất một loạt các chất bán dẫn và mạch tích hợp cho các ứng dụng khác nhau, bao gồm thị trường ô tô, công nghiệp, truyền thông và tiêu dùng.

Công ty được thành lập vào năm 2006 và có trụ sở tại Eindhoven, Hà Lan.

NXP cung cấp một danh mục sản phẩm rộng lớn, bao gồm vi điều khiển, bộ vi xử lý, IC xác thực an toàn, ICS quản lý năng lượng, RF và các thành phần vi sóng và các giải pháp cảm biến, trong số các thành phần khác.

Các sản phẩm của công ty được thiết kế để tiết kiệm năng lượng, an toàn và đáng tin cậy và được sử dụng trong nhiều ứng dụng khác nhau, bao gồm hệ thống ô tô, tự động hóa và kiểm soát công nghiệp, nhà thông minh và tòa nhà, và các thiết bị được kết nối.

NXP dành riêng cho sự đổi mới và sự hài lòng của khách hàng, và cam kết cung cấp cho khách hàng của mình các giải pháp bán dẫn tốt nhất để đáp ứng nhu cầu của họ.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com