công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1457U1601. bảng dữ liệu (PDF) - Hammond Manufacturing Ltd.

1457U1601. Datasheet PDF - Hammond Manufacturing Ltd.
tên linh kiện 1457U1601.
tải về  1457U1601. tải về
kích thước tập tin   313.47 Kbytes
Page   3 Pages
nhà sản xuất  HAMMOND [Hammond Manufacturing Ltd.]
Trang chủ  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Giải thích chi tiết về linh kiện Watertight Extruded Aluminum Enclosures 1457 Series IP65, Heavy Duty, Wall-mounting Option

1457U1601. Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
1457U1601. Datasheet PDF - Hammond Manufacturing Ltd.

tên linh kiện 1457U1601.
tải về  1457U1601. Click to download

kích thước tập tin   313.47 Kbytes
Page   3 Pages
nhà sản xuất  HAMMOND [Hammond Manufacturing Ltd.]
Trang chủ  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Giải thích chi tiết về linh kiện Watertight Extruded Aluminum Enclosures 1457 Series IP65, Heavy Duty, Wall-mounting Option

1457U1601. bảng dữ liệu (HTML) - Hammond Manufacturing Ltd.


1457U1601. Thông tin chi tiết sản phẩm

Key Features:
Watertight - heavy duty extruded enclosures designed to house P.C. boards or for
equipment interfacing.
Sized for standard Eurocards.
P.C. boards mount horizontally by sliding into internal slots extruded into the enclosure
body.
Rugged body constructed from one piece, extruded aluminum with a minimum thickness
of .06” (1.5 mm).
Extruded aluminum body includes a recessed area for labels or membrane keypad.
End panels are rugged - yet easy to machine - diecast aluminum with full perimeter selfadhesive
gaskets.
Designed to meet IP65.
Choice of two versions - end panels without flange or with flange (for shelf or wall
mounting).




Số phần tương tự - 1457U1601.

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hammond Manufacturing L...
1457U1601 HAMMOND-1457U1601 Datasheet
311Kb / 3P
Watertight Extruded Aluminum Enclosures 1457 Series IP65, Heavy Duty, Wall-mounting Option
11/7/21, 5:40 AM
1457U1601BK HAMMOND-1457U1601BK Datasheet
311Kb / 3P
Watertight Extruded Aluminum Enclosures 1457 Series IP65, Heavy Duty, Wall-mounting Option
11/7/21, 5:40 AM
1457U1601E HAMMOND-1457U1601E Datasheet
259Kb / 3P
EMI/RFI Shielded Extruded Aluminum Enclosures 1457-EMI Series EMI Gaskets, Heavy Duty, Optional Wall-Mounting Flanges
11/8/21, 1:44 AM
1457U1601E HAMMOND-1457U1601E Datasheet
261Kb / 3P
EMI/RFI Shielded Extruded Aluminum Enclosures 1457-EMI Series EMI Gaskets, Heavy Duty, Optional Wall-Mounting Flanges
12/9/21, 1:51 AM
1457U1601EBK HAMMOND-1457U1601EBK Datasheet
259Kb / 3P
EMI/RFI Shielded Extruded Aluminum Enclosures 1457-EMI Series EMI Gaskets, Heavy Duty, Optional Wall-Mounting Flanges
11/8/21, 1:44 AM
More results


Mô tả tương tự - 1457U1601.

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Siemens Semiconductor G...
52BAK SIEMENS-52BAK Datasheet
325Kb / 4P
30 mm Heavy Duty, Watertight/Oiltight, Class 52
logo
Hammond Manufacturing L...
SCGM4 HAMMOND-SCGM4 Datasheet
240Kb / 5P
Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
logo
Tripp Lite. All Rights ...
UPSHDEARKIT TRIPPLITE-UPSHDEARKIT Datasheet
470Kb / 2P
Heavy-Duty 2-post Front Mounting Ear Kit
logo
Laird Tech Smart Techno...
SQ2403 LSTD-SQ2403 Datasheet
703Kb / 1P
Heavy duty roof mounting
logo
Lumins Inc.
SQ502 LUMINIS-SQ502 Datasheet
122Kb / 2P
Extruded aluminum housing
SR515 LUMINIS-SR515 Datasheet
267Kb / 2P
Sealed cast aluminum wall mounting plate
logo
3M Electronics
438 3M-438 Datasheet
141Kb / 5P
3M™ Heavy Duty Aluminum Foil Tape 438
May-2017
logo
Hammond Manufacturing L...
1551W HAMMOND-1551W Datasheet
159Kb / 1P
Watertight Polycarbonate Miniature Enclosures
7/24/22
1455 HAMMOND-1455 Datasheet
509Kb / 7P
Extruded Aluminum Enclosures
logo
CamdenBoss Ltd.
CHDX7 CAMDENBOSS-CHDX7 Datasheet
723Kb / 6P
X7 series electrical heavy duty enclosures-polycarbonate
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com