| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Tyco Electronics |
T9C
|
133Kb / 3P |
Power Relay T9C AC coil
|
 Schneider Electric |
A9C30811
|
87Kb / 3P |
impulse relay iTL - 1P - 1NO - 16A - coil 110 VDC - 230...240 VAC 50/60Hz
Aug 26, 2020 |
|
RPM23B7
|
201Kb / 6P |
Plug In Relay, Zelio Relay, power, 15A at 277VAC, 2CO contacts, 24VAC 50/60HZ coil, LED
Aug 5, 2021 |
|
RXM4AB3F7
|
212Kb / 6P |
Plug In Relay, Zelio Relay, miniature, 6A at 277VAC, 4CO contacts, 120VAC 50/60Hz coil, with LED
Aug 5, 2021 |
|
8501XLV02
|
137Kb / 2P |
NEMA Control Relay, Type X, mechanical latch attachment, 110/120VAC 50/60Hz coil
Aug 31, 2021 |
|
CA2KN31G7
|
157Kb / 3P |
Control Relay, TeSys K, 3 NO and 1 NC contatcts, 600V, 120VAC 50/60Hz coil
Aug 31, 2021 |
|
CA2SK20B7
|
144Kb / 3P |
TeSys SK control relay - 2 NO - <= 690 V - 24 V AC coil
|
|
CA2SK20U7
|
144Kb / 3P |
TeSys SK control relay - 2 NO - <= 690 V - 240 V AC coil
|
|
CA2SK20E7
|
144Kb / 3P |
TeSys SK control relay - 2 NO - <= 690 V - 48 V AC coil
Sep 6, 2021 |
|
CA2SKE20P7
|
129Kb / 2P |
TeSys SK control relay - 2 NO - <= 690 V - 230 V AC coil
Sep 6, 2021 |