công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMVC14003 bảng dữ liệu (PDF) - Infinite Electronics International, Inc.

FMVC14003 Datasheet PDF - Infinite Electronics International, Inc.
tên linh kiện FMVC14003
tải về  FMVC14003 tải về
kích thước tập tin   798.96 Kbytes
Page   6 Pages
nhà sản xuất  FAIRVIEW [Infinite Electronics International, Inc.]
Trang chủ  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Giải thích chi tiết về linh kiện VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 1.6 GHz to 3.2 GHz, Phase Noise -89 dBc/Hz

FMVC14003 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
FMVC14003 Datasheet PDF - Infinite Electronics International, Inc.

tên linh kiện FMVC14003
tải về  FMVC14003 Click to download

kích thước tập tin   798.96 Kbytes
Page   6 Pages
nhà sản xuất  FAIRVIEW [Infinite Electronics International, Inc.]
Trang chủ  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Giải thích chi tiết về linh kiện VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 1.6 GHz to 3.2 GHz, Phase Noise -89 dBc/Hz

FMVC14003 bảng dữ liệu (HTML) - Infinite Electronics International, Inc.


FMVC14003 Thông tin chi tiết sản phẩm

Features
• of -89 dBc/Hz @ 10 kHz offset.  Supply Voltage is +5V with a generated output
• power level of +6.0 dBm and 2nd harmonic output of -14 dBc typical.  The VCO
• has a buffer amplifier for increased design flexibility. The assembly is RoHs
• compliant and available in a compact 0.5 inch SMT package with an industry
• standard mounting footprint.  The bottom surface is copper clad with 2-5 micro
• inches of immersion Gold over 150 - 250 micro inches of Electro less Nickel which
• makes it resistant to oxidation for ease of soldering. The VCO operates over a
• temperature range of -40°C to +85°C and is designed to meet a variety of MIL-
• STD-202 test conditions including Humidity, Shock, and Vibration.
Features
• 1600 MHz to 3200
• MHz Bandwidth
• -89 dBc/Hz @ 10kHz offset
• Tuning Voltage 0.0V to 20.0v
• Pout = +6.0 dBm
• Integrated Buffer Amplifier
• Harmonics = -14 dBc
• RoHs Compliant Assembly
• 0.5” SMT package
• Industry Standard
• Mounting Footprint
• Designed to meet MIL-STD-202
• Environmental Conditions
• Applications:
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillator
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
• FMVC14003
• DATA SHEET




Số phần tương tự - FMVC14003

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infinite Electronics In...
FMVC11004 FAIRVIEW-FMVC11004 Datasheet
866Kb / 7P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 40 MHz to 80 MHz, Phase Noise -117 dBc/Hz
REV 1.0
FMVC11005 FAIRVIEW-FMVC11005 Datasheet
749Kb / 5P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 40 MHz to 100 MHz, Phase Noise -118 dBc/Hz
REV 1.0
FMVC11008 FAIRVIEW-FMVC11008 Datasheet
864Kb / 7P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 75 MHz to 150 MHz, Phase Noise -110 dBc/Hz
REV 1.0
FMVC11018 FAIRVIEW-FMVC11018 Datasheet
882Kb / 7P
VCO (Voltage Controlled Oscillator) 0.5 inch SMT (Surface Mount), Frequency of 1.2 GHz to 1.8 GHz, Phase Noise -89 dBc/Hz
REV 1.1
FMVC11021 FAIRVIEW-FMVC11021 Datasheet
796Kb / 5P
VCO (Voltage Controlled Oscillator) 0.5 inch Commercial SMT (Surface Mount), Frequency of 1.5 GHz to 2.5 GHz, Phase Noise -84 dBc/Hz
REV 1.0
More results


Mô tả tương tự - FMVC14003

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE1V11018 PASTERNACK-PE1V11018_16 Datasheet
669Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz With Phase Noise of -89 dBc/Hz
PE1V11022 PASTERNACK-PE1V11022_16 Datasheet
657Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2 GHz to 2.75 GHz With Phase Noise of -85 dBc/Hz
PE1V11023 PASTERNACK-PE1V11023_16 Datasheet
670Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2.57 GHz to 3.3 GHz With Phase Noise of -82 dBc/Hz
PE1V11024 PASTERNACK-PE1V11024_16 Datasheet
662Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3 GHz to 3.5 GHz With Phase Noise of -81 dBc/Hz
PE1V11025 PASTERNACK-PE1V11025_16 Datasheet
582Kb / 6P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.12 GHz to 3.87 GHz With Phase Noise of -81 dBc/Hz
PE1V11025 PASTERNACK-PE1V11025 Datasheet
593Kb / 6P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.12 GHz to 3.87 GHz With Phase Noise of -81 dBc/Hz
PE1V11026 PASTERNACK-PE1V11026 Datasheet
664Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4 GHz to 5 GHz With Phase Noise of -78 dBc/Hz
PE1V13013 PASTERNACK-PE1V13013 Datasheet
557Kb / 7P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz, Phase Noise of -89 dBc/Hz and 0.5 inch Hermetic Package
PE1V14003 PASTERNACK-PE1V14003 Datasheet
898Kb / 7P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.6 GHz to 3.2 GHz, Phase Noise of -89 dBc/Hz and 0.5 inch Package
PE1V31012 PASTERNACK-PE1V31012 Datasheet
432Kb / 5P
Voltage Controlled Oscillator (VCO) From 1.6 GHz to 3.2 GHz, Phase Noise of -89 dBc/Hz and SMA
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com