công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMIR1004 bảng dữ liệu (PDF) - Infinite Electronics International, Inc.

FMIR1004 Datasheet PDF - Infinite Electronics International, Inc.
tên linh kiện FMIR1004
tải về  FMIR1004 tải về
kích thước tập tin   615.41 Kbytes
Page   4 Pages
nhà sản xuất  FAIRVIEW [Infinite Electronics International, Inc.]
Trang chủ  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Giải thích chi tiết về linh kiện High Power Isolator SMA Female with 20 dB Isola­ tion from 2 GHz to 4 GHz Rated to 100 Watts

FMIR1004 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
FMIR1004 Datasheet PDF - Infinite Electronics International, Inc.

tên linh kiện FMIR1004
tải về  FMIR1004 Click to download

kích thước tập tin   615.41 Kbytes
Page   4 Pages
nhà sản xuất  FAIRVIEW [Infinite Electronics International, Inc.]
Trang chủ  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Giải thích chi tiết về linh kiện High Power Isolator SMA Female with 20 dB Isola­ tion from 2 GHz to 4 GHz Rated to 100 Watts

FMIR1004 bảng dữ liệu (HTML) - Infinite Electronics International, Inc.


FMIR1004 Thông tin chi tiết sản phẩm

Features
• and a wide dynamic temperature range.
Features
• Forward Power 100 Watts
• Reverse Power 50 Watts
• Frequency Range of 2 to 4 GHz
• Female SMA Connectors
• VSWR 1.3:1
• Isolation 20 dB
• Applications:
• Radar Systems
• Military
• Wireless Radio Systems
• Telecom Infrastructure
• Communication Systems
• R&D Labs
• Microwave Radio Systems




Số phần tương tự - FMIR1004

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infinite Electronics In...
FMIR1000 FAIRVIEW-FMIR1000 Datasheet
592Kb / 4P
High Power Isolator SMA Female with 18 dB Isola­ tion from 1 GHz to 2 GHz Rated to 100 Watts
REV 1.1
FMIR1001 FAIRVIEW-FMIR1001 Datasheet
593Kb / 4P
High Power Isolator N Female with 18 dB Isolation from 1 GHz to 2 GHz Rated to 100 Watts
REV 1.1
FMIR1002 FAIRVIEW-FMIR1002 Datasheet
602Kb / 4P
High Power Isolator SMA Female with 20 dB Isola­ tion from 1.7 GHz to 2.2 GHz Rated to 100 Watts
REV 1.1
FMIR1005 FAIRVIEW-FMIR1005 Datasheet
602Kb / 4P
High Power Isolator N Female with 20 dB Isolation from 2 GHz to 4 GHz Rated to 100 Watts
REV 1.3
FMIR1006 FAIRVIEW-FMIR1006 Datasheet
544Kb / 4P
High Power Isolator SMA Female With 18 dB Isola­ tion From 4 GHz to 8 GHz Rated to 50 Watts
REV 1.0
More results


Mô tả tương tự - FMIR1004

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE7065-3 PASTERNACK-PE7065-3 Datasheet
223Kb / 3P
20 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 2 GHz To 4 GHz
PE7065-2 PASTERNACK-PE7065-2 Datasheet
223Kb / 3P
10 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 2 GHz To 4 GHz
PE7065-5 PASTERNACK-PE7065-5 Datasheet
223Kb / 3P
20 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 4 GHz To 8 GHz
PE2218-20 PASTERNACK-PE2218-20 Datasheet
318Kb / 3P
Dual Directional 20 dB SMA Coupler From 1 GHz to 2 GHz Rated To 50 Watts
PE2219-10 PASTERNACK-PE2219-10 Datasheet
215Kb / 3P
Dual Directional 10 dB SMA Coupler From 2 GHz to 4 GHz Rated To 10 Watts
PE2219-20 PASTERNACK-PE2219-20 Datasheet
214Kb / 3P
Dual Directional 20 dB SMA Coupler From 2 GHz to 4 GHz Rated To 50 Watts
PE2219-30 PASTERNACK-PE2219-30 Datasheet
213Kb / 3P
Dual Directional 30 dB SMA Coupler From 2 GHz to 4 GHz Rated To 10 Watts
PE2221-20 PASTERNACK-PE2221-20 Datasheet
215Kb / 3P
Dual Directional 20 dB SMA Coupler From 4 GHz to 8 GHz Rated To 50 Watts
PE2CP1018 PASTERNACK-PE2CP1018 Datasheet
354Kb / 3P
Dual Directional 20 dB SMA Coupler From 2 GHz to 6 GHz Rated To 100 Watts
PE2202-30 PASTERNACK-PE2202-30 Datasheet
565Kb / 6P
Directional 30 dB SMA Coupler From 2 GHz to 4 GHz Rated to 50 Watts
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com