| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Pasternack Enterprises,... |
PE7129
|
319Kb / 1P |
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 4 GHz TO 8 GHz SWITCH TYPE :SP4T
|
|
PE2204-20
|
263Kb / 1P |
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 4-8 GHz
|
|
PE2204-30
|
263Kb / 1P |
SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE: 4-8 GHz
|
|
PE8507
|
248Kb / 1P |
SMA MALE TO SMA FEMALE HIGH OUTPUT NOISE GENERATOR, FREQUENCY RANGE: 4 TO 8 GHz
|
|
PE2018
|
104Kb / 1P |
SMA FEMALE POWER DIVIDER FREQUENCY RANGE: 4-8 GHz 4 OUTPUT PORTS
|
|
PE2030
|
237Kb / 1P |
SMA FEMALE POWER DIVIDER FREQUENCY RANGE:8-18 GHz 4 OUTPUT PORTS
|
|
PE8402
|
83Kb / 1P |
SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE: 4 TO 8 GHz
|
 Analog Devices |
HMC787A
|
956Kb / 18P |
Conversion loss: 9 dB typical at 3 GHz to 9 GHz
REV. 0 |
|
HMC558A
|
367Kb / 15P |
Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
REV. 0 |
|
ADH561S
|
723Kb / 8P |
8 to 21 GHz Output x2 Active Frequency Multiplier
Rev. A |