| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Renesas Technology Corp |
R7FA2E1A73CBU
|
2Mb / 114P |
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 128-KB code flash memory, 16-KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, Security and Safety features.
Feb 9, 2022 |
|
R7FA2E1A73CBUAA0
|
2Mb / 117P |
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 128-KB code flash memory, 16-KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, Security and Safety features.
Rev.1.30 Nov 30, 2022 |
|
R7FA2E1A73CBUAC0
|
2Mb / 117P |
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 128-KB code flash memory, 16-KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, Security and Safety features.
Rev.1.30 Nov 30, 2022 |
|
R7FA2E1A73CBUBA0
|
2Mb / 117P |
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 128-KB code flash memory, 16-KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, Security and Safety features.
Rev.1.30 Nov 30, 2022 |
|
R7FA2E1A73CBUBC0
|
2Mb / 117P |
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 128-KB code flash memory, 16-KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, Security and Safety features.
Rev.1.30 Nov 30, 2022 |