công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RP509Z112B bảng dữ liệu (PDF) - Nisshinbo Micro Devices Inc.

RP509Z112B Datasheet PDF - Nisshinbo Micro Devices Inc.
tên linh kiện RP509Z112B
tải về  RP509Z112B tải về
kích thước tập tin   1715.5 Kbytes
Page   43 Pages
nhà sản xuất  NISSHINBO [Nisshinbo Micro Devices Inc.]
Trang chủ  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Giải thích chi tiết về linh kiện 0.5A/1A PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier

RP509Z112B Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
RP509Z112B Datasheet PDF - Nisshinbo Micro Devices Inc.

tên linh kiện RP509Z112B
tải về  RP509Z112B Click to download

kích thước tập tin   1715.5 Kbytes
Page   43 Pages
nhà sản xuất  NISSHINBO [Nisshinbo Micro Devices Inc.]
Trang chủ  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Giải thích chi tiết về linh kiện 0.5A/1A PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier

RP509Z112B bảng dữ liệu (HTML) - Nisshinbo Micro Devices Inc.


RP509Z112B Thông tin chi tiết sản phẩm

FEATURES
• Input Voltage Range (Maximum Rating)···························· 2.3 V to 5.5 V (6.5 V)
• Output Voltage Range (Fixed Output Voltage Type) ············· 0.6 V to 3.3 V, settable in 0.1 V steps
(Adjustable Output Voltage Type)······· 0.6 V to 5.5 V
• Output Voltage Accuracy (Fixed Output Voltage Type)·········· ±1.5% (VSET
(2) ≥ 1.2 V), ±18 mV (VSET < 1.2 V)
• Feedback Voltage Accuracy (Adjustable Output Voltage Type) ···· ±9 mV (VFB = 0.6 V)
• Output Voltage/Feedback Voltage Temperature Coefficient ··· ±100 ppm/°C
• Selectable Oscillator Frequency······································ Typ. 6.0 MHz
• Oscillator Maximum Duty ·············································· Min. 100%
• Built-in Driver ON Resistance (VIN = 3.6 V) ························ Typ. Pch. 0.175 Ω, Nch. 0.155 Ω (RP509Z)
Typ. Pch. 0.195 Ω, Nch. 0.175 Ω (RP509N)
• Standby Current·························································· Typ. 0 μA
• UVLO Detector Threshold ············································· Typ. 2.0 V
• Soft-start Time···························································· Typ. 0.15 ms
• Inductor Current Limit Circuit·········································· Typ. 1.6 A/1.0 A, selectable Current Limit
• Package ···························································· WLCSP-6-P6 ( 1.28 mm x 0.88 mm x 0.69 mm )
SOT-23-6 ( 2.9 mm x 2.8 mm x 1.1 mm )




Số phần tương tự - RP509Z112B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Recom International Pow...
RP50-2405S RECOM-RP50-2405S Datasheet
95Kb / 4P
50 Watt Single Output
RP50-2405S RECOM-RP50-2405S Datasheet
80Kb / 4P
50 Watt Single Output
RP50-2405SN RECOM-RP50-2405SN Datasheet
80Kb / 4P
50 Watt Single Output
RP50-2405SP RECOM-RP50-2405SP Datasheet
80Kb / 4P
50 Watt Single Output
RP50-241.8S RECOM-RP50-241.8S Datasheet
95Kb / 4P
50 Watt Single Output
More results


Mô tả tương tự - RP509Z112B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
RICOH electronics devic...
R1223N RICOH-R1223N Datasheet
207Kb / 19P
PWM/VFM Step-down DC/DC Converter
Rev. 1.11
R1230D RICOH-R1230D Datasheet
881Kb / 20P
PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
Rev. 1.12
R1224N RICOH-R1224N Datasheet
1Mb / 42P
PWM/VFM step-down DC/DC Converter
R1225N RICOH-R1225N Datasheet
263Kb / 31P
PWM/VFM step-down DC/DC Converter
R1232D RICOH-R1232D Datasheet
845Kb / 24P
PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
R1234D RICOH-R1234D Datasheet
915Kb / 26P
PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
logo
Linear Technology
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A_15 Datasheet
361Kb / 20P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
logo
Analog Intergrations Co...
AIC2309 AIC-AIC2309 Datasheet
223Kb / 10P
1A Dual Synchronous Step-down DC/DC Converter
logo
E-CMOS Corporation
EC3201S E-CMOS-EC3201S Datasheet
653Kb / 9P
1A, 1.5MHz, Synchronous Step Down DC/DC Converter
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com