công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R3119X027X bảng dữ liệu (PDF) - Nisshinbo Micro Devices Inc.

R3119X027X Datasheet PDF - Nisshinbo Micro Devices Inc.
tên linh kiện R3119X027X
tải về  R3119X027X tải về
kích thước tập tin   1896.02 Kbytes
Page   30 Pages
nhà sản xuất  NISSHINBO [Nisshinbo Micro Devices Inc.]
Trang chủ  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Giải thích chi tiết về linh kiện 36 V Input Voltage Detector with Delay Function for Industrial Applications

R3119X027X Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
R3119X027X Datasheet PDF - Nisshinbo Micro Devices Inc.

tên linh kiện R3119X027X
tải về  R3119X027X Click to download

kích thước tập tin   1896.02 Kbytes
Page   30 Pages
nhà sản xuất  NISSHINBO [Nisshinbo Micro Devices Inc.]
Trang chủ  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Giải thích chi tiết về linh kiện 36 V Input Voltage Detector with Delay Function for Industrial Applications

R3119X027X bảng dữ liệu (HTML) - Nisshinbo Micro Devices Inc.


R3119X027X Thông tin chi tiết sản phẩm

FEATURES
•Operating Voltage Range (Maximum Rating) ······················· R3119xxxxA: 1.2 V to 36.0 V (50.0V)
R3119xxxxE: 2.1 V to 6.0 V (7.0V)
•Operating Temperature Range ·········································· −50°C to 105°C
•Supply Current ······························································ Typ. 3.3 μA
•Detector Threshold Range ··············································· 2.3 V to 12.0 V (0.1 V steps)
•Detector Threshold Accuracy ············································ ±1.5% (Ta=25°C)
•Detector Threshold Temperature Coefficient ······················· Typ. ±100 ppm / °C
•Release Output Delay Time ············································· R3119xxxxA : Typ.85 ms (at CD = 0.01 μF)•Release Output Delay Time Accuracy ······························· R3119xxxxA : −50% to 80%
•Output Type ·································································· Nch. Open Drain
•Package ······································································ DFN(PL)1820-6, SOT-23-5




Số phần tương tự - R3119X027X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nisshinbo Micro Devices...
R3119X NISSHINBO-R3119X Datasheet
1Mb / 24P
36V INPUT VOLTAGE DETECTOR
R3119XXXXA NISSHINBO-R3119XXXXA Datasheet
1Mb / 24P
36V INPUT VOLTAGE DETECTOR
R3119XXXXE NISSHINBO-R3119XXXXE Datasheet
1Mb / 24P
36V INPUT VOLTAGE DETECTOR
More results


Mô tả tương tự - R3119X027X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
Voltage detector with delay
logo
ELM Technology Corporat...
ELM7622LAB-S ELM-TECH-ELM7622LAB-S Datasheet
196Kb / 20P
CMOS Voltage detector with delay function
logo
ELM Electronics
ELM73 ELM-ELM73 Datasheet
1Mb / 16P
CMOS Voltage detector with delay circuit and Manual Reset function
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
CMOS Voltage detector with delay function
logo
ELM Technology Corporat...
ELM76-SERIES ELM-TECH-ELM76-SERIES Datasheet
1Mb / 16P
CMOS Voltage detector with delay function
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
VOLTAGE DETECTOR with Delay Function
logo
ELM Technology Corporat...
ELM73 ELM-TECH-ELM73 Datasheet
1Mb / 16P
CMOS Voltage detector with delay circuit and Manual Reset function
ELM76 ELM-TECH-ELM76 Datasheet
1Mb / 16P
CMOS Voltage detector with delay function
logo
ABLIC Inc.
S-1009 ABLIC-S-1009 Datasheet
619Kb / 43P
0.27uA CURRENT CONSUMPTION VOLTAGE DETECTOR WITH DELAY FUNCTION (EXTERNAL DELAY TIME SETTING
Rev.5.1_03
logo
Texas Instruments
TPS37A-Q1 TI-TPS37A-Q1 Datasheet
2Mb / 32P
TPS37x-Q1 (65 V & 2uA) Over & Under Voltage Detector with Delay Function
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com