công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AF09-22-00-14 bảng dữ liệu (PDF) - ABB

AF09-22-00-14 Datasheet PDF - ABB
tên linh kiện AF09-22-00-14
tải về  AF09-22-00-14 tải về
kích thước tập tin   54.79 Kbytes
Page   3 Pages
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB
Giải thích chi tiết về linh kiện AF09-22-00-14 250-500V50/60HZ-DC Contactor

AF09-22-00-14 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
AF09-22-00-14 Datasheet PDF - ABB

tên linh kiện AF09-22-00-14
tải về  AF09-22-00-14 Click to download

kích thước tập tin   54.79 Kbytes
Page   3 Pages
nhà sản xuất  ABB [ABB]
Trang chủ  http://www.abb.com
Logo ABB - ABB
Giải thích chi tiết về linh kiện AF09-22-00-14 250-500V50/60HZ-DC Contactor

AF09-22-00-14 bảng dữ liệu (HTML) - ABB


AF09-22-00-14 Thông tin chi tiết sản phẩm

Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
General Information
AF09-22-00-14
1SBL137501R1400
3471523116245
AF09-22-00-14 250-500V50/60HZ-DC Contactor
AF09 4-pole contactors are used for controlling power circuits up to 690 V AC and 440 V
DC. They are mainly used for controlling non-inductive or slightly inductive loads (i.e.
resistance furnaces...). AF... contactors include an electronic coil interface accepting a wide
control voltage Uc min. ... Uc max. Only four coils cover control voltages between 24...500 V
50/60 Hz or 20...500 V DC. AF contactors can manage large control voltage variations. One
coil can be used for different control voltages used worldwide without any coil change. AF
contactors have built-in surge protection and do not require additional surge suppressors.
The AF... series 4-pole contactors are of the block type design. - Main poles and auxiliary
contact blocks: 2 N.O. + 2 N.C. main poles, front and side-mounted add-on auxiliary contact
blocks (mechanically-linked auxiliary contacts compliant with Annex L of IEC 60947-5-1.
N.C. mirror contacts compliant with Annex F of IEC 60947-4-1) - Control circuit: AC or DC
operated - Accessories: a wide range of accessories is available.




Số phần tương tự - AF09-22-00-14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ABB
AF09-22-00-11 ABB-AF09-22-00-11 Datasheet
54Kb / 3P
AF09-22-00-11 24-60V50/60HZ 20-60VDC Contactor
AF09-22-00-12 ABB-AF09-22-00-12 Datasheet
54Kb / 3P
AF09-22-00-12 48-130V50/60HZ-DC Contactor
AF09-22-00-13 ABB-AF09-22-00-13 Datasheet
54Kb / 3P
AF09-22-00-13 100-250V50/60HZ-DC Contactor
More results


Mô tả tương tự - AF09-22-00-14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zhejiang DongYa Electro...
BZJ-50D DONGYA-BZJ-50D Datasheet
175Kb / 1P
DC Contactor
ZLJM-50A DONGYA-ZLJM-50A Datasheet
98Kb / 3P
DC Contactor
ZLJM-100A DONGYA-ZLJM-100A Datasheet
179Kb / 1P
DC Contactor
ZLJM-300D DONGYA-ZLJM-300D Datasheet
241Kb / 1P
DC Contactor
ZLJM-800D DONGYA-ZLJM-800D Datasheet
238Kb / 1P
DC Contactor
logo
ABB
AF65-30-11-14 ABB-AF65-30-11-14 Datasheet
101Kb / 4P
AF65-30-11-14 250-500V50/60HZ-DC Contactor
2022
AF09-30-10-13 ABB-AF09-30-10-13 Datasheet
84Kb / 3P
AF09-30-10-13 100-250V50/60HZ-DC Contactor
12/22/14 3:30 PM
AF96-30-00-13 ABB-AF96-30-00-13 Datasheet
131Kb / 6P
100-250V50/60HZ-DC Contactor
NFZ40E-23 ABB-NFZ40E-23 Datasheet
129Kb / 5P
NFZ40E-23 100-250V50/60HZ-DC Contactor Relay
logo
Leach International Cor...
WC-X0X LEACH-WC-X0X Datasheet
806Kb / 7P
CONTACTOR, CENTER-OFF 250 AMP
More results




Giới thiệu về ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*Thông tin này chỉ dành cho mục đích thông tin chung, chúng tôi sẽ không chịu trách nhiệm cho bất kỳ tổn thất hoặc thiệt hại nào do thông tin trên gây ra.




Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com