công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R1270S bảng dữ liệu (PDF) - Nisshinbo Micro Devices Inc.

R1270S Datasheet PDF - Nisshinbo Micro Devices Inc.
tên linh kiện R1270S
tải về  R1270S tải về
kích thước tập tin   1548.2 Kbytes
Page   48 Pages
nhà sản xuất  NISSHINBO [Nisshinbo Micro Devices Inc.]
Trang chủ  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Giải thích chi tiết về linh kiện 3 A, 34 V Input PWM/VFM Step Down DC/DC Converter with PLL Synchronization

R1270S Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
R1270S Datasheet PDF - Nisshinbo Micro Devices Inc.

tên linh kiện R1270S
tải về  R1270S Click to download

kích thước tập tin   1548.2 Kbytes
Page   48 Pages
nhà sản xuất  NISSHINBO [Nisshinbo Micro Devices Inc.]
Trang chủ  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Giải thích chi tiết về linh kiện 3 A, 34 V Input PWM/VFM Step Down DC/DC Converter with PLL Synchronization

R1270S bảng dữ liệu (HTML) - Nisshinbo Micro Devices Inc.


R1270S Thông tin chi tiết sản phẩm

FEATURES
• Operating Voltage (Maximum Rating) ·················· 3.6 V to 34 V (36 V)
• Consumption Current ····································· Typ. 18 μA (VIN = 12 V)
• Stand-by Current ············································ Typ. 0 μA (VIN = 34 V, CE = 0 V)
• Output Voltage ··············································· Externally-adjustable at 0.8 V or more
(Max. step down ratio 160 ns  fosc)
• Feedback Voltage and Tolerance ······················· 0.8 V1.0%
• Output Current ··············································· 3 A(1)
• Operating Frequency ······································· 300 kHz to 2.4 MHz settable by External resistor
• Minimum Off Time ·········································· Typ. 120 ns
• Maximum Duty ··············································· Min. 93% (fosc = 300 kHz), Min. 67% (fosc = 2400 kHz)
• UVLO Function Detection Voltage ······················ Typ. 2.6 V
• OVLO Function Detection Voltage ···················· Min. 38 V
• Soft-start Time ··············································· Internal soft-start time (Typ. 0.4 ms), as a lower limit,
Externally-adjustable by using capacitor
• High-side Switch Current Limit ·························· Typ. 4.5 A, as a upper limit,
Externally-adjustable by using resistor
• Thermal Shutdown Function ····························· Typ. 160C
• CE Threshold Voltage ······································ Typ. 1.0 V
• Latch Protection Delay Time ····························· Typ. 2 ms (R1270S001A)
• Fold-back Protection ······································· Fold-back for Oscillation frequency
• VFB Voltage Temperature Tolerance (ΔVFB/ΔTa)· ···· Typ. ±100 ppm/°C (−40°C ≤ Ta ≤ 105°C)
• Packages ····················································· HSOP-18




Số phần tương tự - R1270S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nisshinbo Micro Devices...
R1270S-Y NISSHINBO-R1270S-Y Datasheet
1Mb / 47P
34V, 3A PWM/VFM Step Down DC/DC Converter with PLL Synchronization for Industrial Applications
R1270S001-E2-YE NISSHINBO-R1270S001-E2-YE Datasheet
1Mb / 47P
34V, 3A PWM/VFM Step Down DC/DC Converter with PLL Synchronization for Industrial Applications
More results


Mô tả tương tự - R1270S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
RICOH electronics devic...
R1223N RICOH-R1223N Datasheet
207Kb / 19P
PWM/VFM Step-down DC/DC Converter
Rev. 1.11
R1230D RICOH-R1230D Datasheet
881Kb / 20P
PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
Rev. 1.12
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
VFM STEP-UP DC/DC CONVERTER?
logo
Allegro MicroSystems
SPI-8010A ALLEGRO-SPI-8010A Datasheet
244Kb / 9P
3 A, DC/DC Step-Down Converter
logo
RICOH electronics devic...
R1224N RICOH-R1224N Datasheet
1Mb / 42P
PWM/VFM step-down DC/DC Converter
R1225N RICOH-R1225N Datasheet
263Kb / 31P
PWM/VFM step-down DC/DC Converter
R1234D RICOH-R1234D Datasheet
915Kb / 26P
PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
VFM Step-Up DC/DC Converter
logo
Texas Instruments
TPS54331 TI-TPS54331_15 Datasheet
1Mb / 36P
TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode?
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
PWM step down DC/DC converter
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com