công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMG1020 bảng dữ liệu (PDF) - Texas Instruments

LMG1020 Datasheet PDF - Texas Instruments
tên linh kiện LMG1020
tải về  LMG1020 tải về
kích thước tập tin   1120.58 Kbytes
Page   22 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện LMG1020-Q1 5V, 7A, 5A Low-Side GaN and MOSFET Driver For 1ns Pulse Width Automotive Applications

LMG1020 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
LMG1020 Datasheet PDF - Texas Instruments

tên linh kiện LMG1020
tải về  LMG1020 Click to download

kích thước tập tin   1120.58 Kbytes
Page   22 Pages
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments
Giải thích chi tiết về linh kiện LMG1020-Q1 5V, 7A, 5A Low-Side GaN and MOSFET Driver For 1ns Pulse Width Automotive Applications

LMG1020 bảng dữ liệu (HTML) - Texas Instruments


LMG1020 Thông tin chi tiết sản phẩm

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified
– Device temperature grade 1
• Low-side, ultra-fast gate driver for GaN and silicon
FETs
• 1ns minimum input pulse width
• Up to 60MHz operation
• 2.5ns typical, 4.5ns maximum propagation delay
• 400ps typical rise and fall time
• 7A peak source and 5A peak sink currents
• 5V supply voltage
• UVLO and overtemperature protection
• 0.8mm × 1.2mm WCSP package

2 Applications
• LiDAR
• Time-of-flight laser drivers
• Facial recognition
• Class-E wireless chargers
• VHF resonant power converters
• GaN-based synchronous rectifier
• Augmented reality

3 Description
The LMG1020-Q1 device is a single, low-side
driver designed for driving GaN FETs and logiclevel
MOSFETs in high-speed applications including
LiDAR, time-of-flight, facial recognition, and any
power converters involving low-side. The design
simplicity of the LMG1020-Q1 enables extremely fast
propagation delays of 2.5 ns and minimum pulse
width of 1ns. The drive strength is independently
adjustable for the pull-up and pull-down edges by
connecting external resistors between the gate and
OUTH and OUTL, respectively.
The driver features undervoltage lockout (UVLO) and
overtemperature protection (OTP) in the event of
overload or fault conditions.
The 0.8mm × 1.2mm WCSP package of the
LMG1020-Q1 minimizes gate loop inductance
and maximizes power density in high-frequency
applications.




Số phần tương tự - LMG1020

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMG1020 TI1-LMG1020 Datasheet
389Kb / 19P
5-V, 7-A, 5-A Low-Side GaN Driver With 60-MHz, 1-ns Speed
LMG1020 TI2-LMG1020 Datasheet
1Mb / 25P
LMG1020 5-V, 7-A, 5-A Low-Side GaN and MOSFET Driver For 1-ns Pulse Width Applications
REVISED OCTOBER 2018
LMG1020YFFR TI1-LMG1020YFFR Datasheet
389Kb / 19P
5-V, 7-A, 5-A Low-Side GaN Driver With 60-MHz, 1-ns Speed
LMG1020YFFR TI2-LMG1020YFFR Datasheet
1Mb / 25P
LMG1020 5-V, 7-A, 5-A Low-Side GaN and MOSFET Driver For 1-ns Pulse Width Applications
REVISED OCTOBER 2018
LMG1020YFFR.A TI2-LMG1020YFFR.A Datasheet
1Mb / 25P
LMG1020 5-V, 7-A, 5-A Low-Side GaN and MOSFET Driver For 1-ns Pulse Width Applications
REVISED OCTOBER 2018
More results


Mô tả tương tự - LMG1020

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
VNQ5050K-E STMICROELECTRONICS-VNQ5050K-E Datasheet
108Kb / 13P
QUAD CHANNEL HIGH SIDE DRIVER FOR AUTOMOTIVE APPLICATIONS
Mar-2005
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E Datasheet
798Kb / 34P
Quad channel high side driver for automotive applications
25-Feb-2008
VNQ5160K-E STMICROELECTRONICS-VNQ5160K-E Datasheet
474Kb / 30P
Quad channel high side driver for automotive applications
23-Jul-2009
VNQ5160KTR-E STMICROELECTRONICS-VNQ5160KTR-E Datasheet
469Kb / 30P
Quad channel high side driver for automotive applications
23-Jul-2009
logo
Texas Instruments
UCC5390-Q1 TI1-UCC5390-Q1 Datasheet
704Kb / 32P
UCC5390-Q1 Single-Channel Isolated Gate Driver for SiC/IGBT and Automotive Applications
LMG1025-Q1 TI1-LMG1025-Q1 Datasheet
603Kb / 21P
LMG1025-Q1 Automotive Low Side GaN and MOSFET Driver For High Frequency and Narrow Pulse Applications
UCC5350-Q1 TI1-UCC5350-Q1 Datasheet
1Mb / 41P
UCC5350-Q1 Single-Channel Isolated Gate Driver for SiC/IGBT and Automotive Applications
UCC5350-Q1 TI-UCC5350-Q1_V01 Datasheet
2Mb / 46P
UCC5350-Q1 Single-Channel Isolated Gate Driver for SiC/IGBT and Automotive Applications
JUNE 2022
logo
STMicroelectronics
A6387 STMICROELECTRONICS-A6387 Datasheet
331Kb / 14P
High voltage high- and low-side driver for automotive applications
04-Feb-2015
logo
Texas Instruments
UCC5350-Q1 TI-UCC5350-Q1_V02 Datasheet
2Mb / 47P
UCC5350-Q1 Single-Channel Isolated Gate Driver for SiC/IGBT and Automotive Applications
REVISED AUGUST 2022
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com