công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCS1800GS-25 bảng dữ liệu (PDF) - Monolithic Power Systems

MCS1800GS-25 Datasheet PDF - Monolithic Power Systems
tên linh kiện MCS1800GS-25
tải về  MCS1800GS-25 tải về
kích thước tập tin   919.46 Kbytes
Page   19 Pages
nhà sản xuất  MPS [Monolithic Power Systems]
Trang chủ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Giải thích chi tiết về linh kiện 3.3V, Linear Hall-Effect Current Sensor with ±3% Accuracy Over Temperature

MCS1800GS-25 Datasheet (PDF)

Go To PDF Page tải về bảng dữ liệu
MCS1800GS-25 Datasheet PDF - Monolithic Power Systems

tên linh kiện MCS1800GS-25
tải về  MCS1800GS-25 Click to download

kích thước tập tin   919.46 Kbytes
Page   19 Pages
nhà sản xuất  MPS [Monolithic Power Systems]
Trang chủ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Giải thích chi tiết về linh kiện 3.3V, Linear Hall-Effect Current Sensor with ±3% Accuracy Over Temperature

MCS1800GS-25 bảng dữ liệu (HTML) - Monolithic Power Systems


MCS1800GS-25 Thông tin chi tiết sản phẩm

DESCRIPTION
The MCS1800 is a linear Hall-effect current sensor for AC or DC current sensing. The Hall array is differential, which cancels out any stray magnetic field.
A primary conductor with a low resistance allows current to flow close to the IC, which contains high-accuracy Hall-effect sensors. This current generates a magnetic field that is sensed at two different points by the integrated Hall-effect transducers. The magnetic field difference between these two points is then converted into a voltage that is proportional to the applied current. A spinning current technique is used for a low stable offset.
The galvanic isolation between the pins of the primary conductive path and the sensor leads allows the MCS1800 to replace opto-isolators or other isolation devices.
The MCS1800 requires a minimal number of readily available, standard external components. The device’s small footprint saves board area and makes it well-suited for space-constrained applications. The MCS1800 is available in an SOIC-8 package.

FEATURES
 3.3V Single Supply
 Immune to External Magnetic Fields by Differential Sensing
 200VRMS Working Voltage for Basic Isolation
 Operating Temperature: -40°C to +125°C
 1.2mΩ Internal Conductor Resistance
 ±12.5A and ±25A Range
 Adjustable Bandwidth Up to 100 kHz
 4μs Output Rising Time
 Ratiometric Output from Supply Voltage
 Output Proportional to AC or DC Currents
 Factory-Trimmed for Accuracy
 No Magnetic Hysteresis
 Integrated Shield Suppressing Capacitive Coupling from Current Conductor to Die (Up to 10V/ns)
 Available in an SOIC-8 Package

APPLICATIONS
 Motor Control
 Automotive Systems
 Load Detection and Management
 Switch-Mode Power Supplies
 Over-Current Fault Protection




Số phần tương tự - MCS1800GS-25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schurter Inc.
MCS18FRONT SCHURTER-MCS18FRONT Datasheet
390Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
MCS18FRONT SCHURTER-MCS18FRONT Datasheet
396Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
04.01.2022
MCS18FRONT SCHURTER-MCS18FRONT_V01 Datasheet
396Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
04.01.2022
More results


Mô tả tương tự - MCS1800GS-25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Winson Semiconductor Co...
WCS1702 WINSON-WCS1702 Datasheet
159Kb / 3P
Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2702 WINSON-WCS2702 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2705 WINSON-WCS2705 Datasheet
457Kb / 5P
Hall Effect Base Linear Current Sensor
WCS6800 WINSON-WCS6800 Datasheet
628Kb / 5P
Hall Effect Base Linear Current Sensor
logo
Diodes Incorporated
AH8503 DIODES-AH8503 Datasheet
847Kb / 19P
HIGH ACCURACY MICROPOWER LINEAR HALL EFFECT SENSOR
Rev 1
logo
Allegro MicroSystems
ACS723KMA ALLEGRO-ACS723KMA Datasheet
786Kb / 17P
High Accuracy, Hall-effect Based Current Sensor
ACS725KMA ALLEGRO-ACS725KMA Datasheet
787Kb / 17P
High-Accuracy, Hall-Effect-Based Current Sensor IC with
ACS724LMC ALLEGRO-ACS724LMC Datasheet
1Mb / 17P
High Accuracy Hall-Effect-Based Current Sensor
3 September 25, 2020
logo
DIWELL Electronics Co.,...
WCS2800 DIWELL-WCS2800 Datasheet
496Kb / 5P
Hall Effect Base Linear Current Sensor
2017/4/19
More results



Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com